Electronic Components Datasheet Search
  English  ▼

X  

FN2640 Datasheet(PDF) 1 Page - Schaffner International Ltd

Part # FN2640
Description  Low Profile - High performance, EMC/EMI IEC inlet filter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHAFFNER [Schaffner International Ltd]
Direct Link  https://www.schaffner.com/
Logo SCHAFFNER - Schaffner International Ltd

FN2640 Datasheet(HTML) 1 Page - Schaffner International Ltd

  FN2640 Datasheet HTML 1Page - Schaffner International Ltd FN2640 Datasheet HTML 2Page - Schaffner International Ltd FN2640 Datasheet HTML 3Page - Schaffner International Ltd FN2640 Datasheet HTML 4Page - Schaffner International Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DATA SHEET
IEC Inlet Filters FN2660
Low Profile - High performance, EMC/EMI IEC inlet filter
Excellent IEC inlet for robotics, datacenters
and other applications
Terminals available on load side: Fast-on,
wire leads, bolt, and clamps
Voltage rating up to 250 VAC
Fits within 1 height unit (HU) of a 19" rack
application
40°C operating temperature
2-stage filter performance
Performance indicators
standard
high
very high
Rated current [A]
20
10
FN2640
FN2660
Technical Specifications
Rated operating voltage
250 VAC
Operating frequency
DC to 60 Hz
Rated currents
10 to 20 A @ 40°C
Overload capability
1.5 x rated current for 1 minute once per hour
Cooling
Natural cooling AN
Climatic category
40/085/21 acc. IEC60068-1
Flammability corresponding to
Plastic Material: UL 94 V0
Laces for -07 version: UL 94 VW1
Surge withstand
2 kV Ph-Ph / 4 kV Ph-PE (Level 4)
High potential test voltage
P –> N 1500 VDC for 2 sec*
P/N –> PE 2500 VDC for 2 sec*
Altitude
Derating above 2000 m
Certified to
UL 60939-3, IEC/EN 60939, GB/T 15287
MTBF
> 300,000 h
Protection category
IP00 / IP20 for -103 terminal
Protection category
2 acc. IEC 60664-1
Vibration and shock
3M12 acc. IEC 60721-3-3
Overvoltage category
II acc. IEC 60664-1
Temperature range (operation and storage)
-40°C to +85°C (with derating >40°C)
High potential test voltage: Repetition with max. 80% of specified values
*
Approvals & Compliances
Features and Benefits
Typical Applications
FN2640 / FN2660 series fits perfectly within 1HU
height for rack mount applications
The filters are built to fit perfectly to datacenter
and audio video equipment
The shape allows convenient and space-saving
installation
Fulfills the requirements in IEC/EN 62040-1 -
Uninterruptible power systems (UPS)
Fulfills the requirements in IEC 62368-1 - Audio/
Video, Information and Communication
Technology Equipment
Fulfills the requirements in IEC/EN 60335-1 -
Household and similar appliances
Robotics, collaborative robots, autonomous
machines
Audio and video equipment
UPS - Uninterruptible power supplies
Typical electrical schematic
L1
L2
1
1
2
2


Similar Part No. - FN2640

ManufacturerPart #DatasheetDescription
logo
Schaffner International...
FN2640 SCHAFFNER-FN2640 Datasheet
1Mb / 4P
Low Profile - High performance, EMC/EMI IEC inlet filter
07. Sep 2022
FN2640-10-05-C11 SCHAFFNER-FN2640-10-05-C11 Datasheet
1Mb / 4P
Low Profile - High performance, EMC/EMI IEC inlet filter
07. Sep 2022
FN2640-10-07-C11 SCHAFFNER-FN2640-10-07-C11 Datasheet
1Mb / 4P
Low Profile - High performance, EMC/EMI IEC inlet filter
07. Sep 2022
FN2640-10-08-C11 SCHAFFNER-FN2640-10-08-C11 Datasheet
1Mb / 4P
Low Profile - High performance, EMC/EMI IEC inlet filter
07. Sep 2022
FN2640-10-103-C11 SCHAFFNER-FN2640-10-103-C11 Datasheet
1Mb / 4P
Low Profile - High performance, EMC/EMI IEC inlet filter
07. Sep 2022
More results

Similar Description - FN2640

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1EC1 MACOM-1EC1_11 Datasheet
243Kb / 3P
High Performance EMI Power Inlet Filter
logo
List of Unclassifed Man...
FN9222R-3-06 ETC2-FN9222R-3-06 Datasheet
724Kb / 6P
General Performance IEC Inlet Filter
FN9233SR-3-06 ETC2-FN9233SR-3-06 Datasheet
348Kb / 6P
High Performance EMC/EMI Filter
FN9246-16-06 ETC2-FN9246-16-06 Datasheet
217Kb / 4P
High Performance IEC Inlet Filter
FN9222-15-06 ETC2-FN9222-15-06 Datasheet
724Kb / 6P
General Performance IEC Inlet Filter
logo
TE Connectivity Ltd
EC1 TEC-EC1 Datasheet
243Kb / 3P
High Performance EMI Power Inlet Filter
logo
Schaffner International...
FN-9233 SCHAFFNER-FN-9233 Datasheet
964Kb / 7P
High Performance EMC/EMI Filter
FN-9246 SCHAFFNER-FN-9246 Datasheet
2Mb / 4P
High Performance IEC Inlet Filter
FN2500 SCHAFFNER-FN2500 Datasheet
1Mb / 6P
Low Profile - High performance, EMC/EMI filter
07. Sep 2022
FN2640 SCHAFFNER-FN2640 Datasheet
1Mb / 4P
Low Profile - High performance, EMC/EMI IEC inlet filter
07. Sep 2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com