Electronic Components Datasheet Search
  English  ▼

X  

FN2640 Datasheet(PDF) 3 Page - Schaffner International Ltd

Part # FN2640
Description  Low Profile - High performance, EMC/EMI IEC inlet filter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHAFFNER [Schaffner International Ltd]
Direct Link  https://www.schaffner.com/
Logo SCHAFFNER - Schaffner International Ltd

FN2640 Datasheet(HTML) 3 Page - Schaffner International Ltd

  FN2640 Datasheet HTML 1Page - Schaffner International Ltd FN2640 Datasheet HTML 2Page - Schaffner International Ltd FN2640 Datasheet HTML 3Page - Schaffner International Ltd FN2640 Datasheet HTML 4Page - Schaffner International Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
IEC Inlet Filters
Schaffner Group
DATA SHEET
27. Sep 2022
For dimensions [mm] without tolerances: ISO2768-cL/EN22768-cL applies
Dimensions FN2660 - Two-stage Filter
LOAD
LINE
Terminal -103connectioncapacity:
solidorstranded
0.2- 10mm / AWG24- 8
strippinglength=11-13mm
Panel mounting:
internal thread length = max. 6 mm
max. torque = 1.0 Nm
31.5 0.2
45 0.2
R1
36 0.2
45 0.2
R1
.5
3.4
3.4
12.3
33.7
8.5
14.6
33.7
8.5
184.7
3
174
10.7
HF grounding
4.2
15.8
8.4
9.6
M4, Torque = 1.2 - 1.3 Nm
M4, Torque = 1.2 - 1.3 Nm
9.6
8.4
10
200
- 0
1
+
7.9
45
45
M3
M3
10.2
32.3
7.5
25
25
10.2
BU
BN
GN YE



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com