Electronic Components Datasheet Search
  English  ▼

X  

130910-Z Datasheet(PDF) 2 Page - METZ CONNECT GmbH

Part # 130910-Z
Description  C6Amodul 24 port 180°M 1RU
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  METZ [METZ CONNECT GmbH]
Direct Link  https://www.metz-connect.com/us
Logo METZ - METZ CONNECT GmbH

130910-Z Datasheet(HTML) 2 Page - METZ CONNECT GmbH

  130910-Z Datasheet HTML 1Page - METZ CONNECT GmbH 130910-Z Datasheet HTML 2Page - METZ CONNECT GmbH 130910-Z Datasheet HTML 3Page - METZ CONNECT GmbH 130910-Z Datasheet HTML 4Page - METZ CONNECT GmbH 130910-Z Datasheet HTML 5Page - METZ CONNECT GmbH 130910-Z Datasheet HTML 6Page - METZ CONNECT GmbH 130910-Z Datasheet HTML 7Page - METZ CONNECT GmbH 130910-Z Datasheet HTML 8Page - METZ CONNECT GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Data sheet
C6Amodul 24 port 180°M 1RU
Page 2/8
P/N
130B11P0-E
EAN 4250184131601
2023/02/15
Version: Z
Technical Data
General Data
Fields of application
structured building cabling
office areas
Distributed building services
data center
Mechanical measurement according to MICE
M1
Ingress measurement according to MICE
I1
Climatic measurement according to MICE
C1
Electromagnetic measurement according to MICE
E2
Design
patch panel
Mounting style
1RU
Shielding
shielded
Transmission technology
Copper
Wiring
T568A, T568B
Color
light gray
Dimensions
Dimension (L x W x H)
95 mm x 482.6 mm x 44.45 mm
Dimension (L x W x H)
3.74 in. x 19 in. x 1.75 in.
Inches
19 inches
Height unit
1RU
Modularity
yes
Labeling option
label window with identification label + printed numbers
Marking option
by dust protection
Transmission characteristics
Category (ISO)
6A
Class (ISO/IEC)
EA
Category (TIA)
6A
Remote Powering
yes
PoE
IEEE 802.3af
PoE plus
IEEE 802.3at
UPoE
yes
4PPoE
IEEE 802.3bt
HDBaseT
yes
Transmission rate up to 100 MBit (Fast Ethernet)
IEEE 802.3bw



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com