Electronic Components Datasheet Search
  English  ▼

X  

130910-Z Datasheet(PDF) 4 Page - METZ CONNECT GmbH

Part # 130910-Z
Description  C6Amodul 24 port 180°M 1RU
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  METZ [METZ CONNECT GmbH]
Direct Link  https://www.metz-connect.com/us
Logo METZ - METZ CONNECT GmbH

130910-Z Datasheet(HTML) 4 Page - METZ CONNECT GmbH

  130910-Z Datasheet HTML 1Page - METZ CONNECT GmbH 130910-Z Datasheet HTML 2Page - METZ CONNECT GmbH 130910-Z Datasheet HTML 3Page - METZ CONNECT GmbH 130910-Z Datasheet HTML 4Page - METZ CONNECT GmbH 130910-Z Datasheet HTML 5Page - METZ CONNECT GmbH 130910-Z Datasheet HTML 6Page - METZ CONNECT GmbH 130910-Z Datasheet HTML 7Page - METZ CONNECT GmbH 130910-Z Datasheet HTML 8Page - METZ CONNECT GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Data sheet
C6Amodul 24 port 180°M 1RU
Page 4/8
P/N
130B11P0-E
EAN 4250184131601
2023/02/15
Version: Z
Technical Data
Electrical characteristics
Current carrying capacity
max. 1 A at 60 °C
Rated voltage
max. 60 V DC
Contact resistance
max. 20 mOhm
Through resistance
max. 200 mOhm
Insulation resistance
min. 500 MOhm
Dielectric strength conductor-conductor (secondary)
max. 1000 V DC
Dielectric strength conductor-conductor, peak value
(secondary)
max. 1.000 V AC
Dielectric strength conductor-shield
max. 1500 V DC
Dielectric strength conductor-shield, peak value
max. 1500 V AC
Mechanical data
Cut-out
module
Insertion and withdrawal force
max. 30 N
Life - Number of mating cycles
min. 750
Position/mounting of latch
standard installation position
top
strain relief
latching clip
Materials and material properties
Material - Jack housing
GD-Zn (zinc die-cast)
Material - Jack contact
Spring steel
Material - Jack contact finish
AuCo
Material - Jack shield
CuSn6
Material - Stuffer cap
PA 6.6 UL94 V0
Material - Strain relief
ABS
Material - Front cover
Al (Aluminium)
Material - Front cover finish
silver anodized
Material - Module support
ABS
Material - Module support finish
gray
Material - Cable guide
ABS
Material - Dust protection
ABS
Material - Label window
ABS, transparent
Halogen free
yes
Silicone free
no paint wetting interfering substances (LaBS) in the process
chain



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com