Electronic Components Datasheet Search
  English  ▼

X  

130910-Z Datasheet(PDF) 5 Page - METZ CONNECT GmbH

Part # 130910-Z
Description  C6Amodul 24 port 180°M 1RU
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  METZ [METZ CONNECT GmbH]
Direct Link  https://www.metz-connect.com/us
Logo METZ - METZ CONNECT GmbH

130910-Z Datasheet(HTML) 5 Page - METZ CONNECT GmbH

  130910-Z Datasheet HTML 1Page - METZ CONNECT GmbH 130910-Z Datasheet HTML 2Page - METZ CONNECT GmbH 130910-Z Datasheet HTML 3Page - METZ CONNECT GmbH 130910-Z Datasheet HTML 4Page - METZ CONNECT GmbH 130910-Z Datasheet HTML 5Page - METZ CONNECT GmbH 130910-Z Datasheet HTML 6Page - METZ CONNECT GmbH 130910-Z Datasheet HTML 7Page - METZ CONNECT GmbH 130910-Z Datasheet HTML 8Page - METZ CONNECT GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Data sheet
C6Amodul 24 port 180°M 1RU
Page 5/8
P/N
130B11P0-E
EAN 4250184131601
2023/02/15
Version: Z
Technical Data
Materials and material properties
LaBS Note
subsequent contamination possible due to handling and possible
storage in your company
RoHS
compliant
REACH
compliant
Environmental conditions
Temperature (min. - max.)
Temperature - Storage °C
-40 °C - 70 °C
Temperature - Storage °F
-40 °F - 158 °F
Temperature - Operating °C
-40 °C - 70 °C
Temperature - Operating °F
-40 °F - 158 °F
Certifications
GHMT PVP
yes
Standards/Regulations
Generic cabling systems
General requirements
ISO/IEC 11801-1:2017-11 | DIN EN 50173-1:2018-10
ANSI/TIA-568.2-D
Office buildings
ISO/IEC 11801-2:2017-11 | DIN EN 50173-2:2018-10
ANSI/TIA-568.2-D
Living units
ISO/IEC 11801-4:2017-11 | DIN EN 50173-4:2018-10
ANSI/TIA-570-D
Data centers
ISO/IEC 11801-5:2017-11 | DIN EN 50173-5:2018-10
ANSI/TIA-942-B
Connectors for electronic equipment
Free and fixed connectors
DIN EN 60603-7-51:2011-01, DIN EN 60603-7:2019-11, DIN EN
60603-7-1:2012-01
Connectors for electronic equipment - Tests and measurements
Test standard for connectors (engaging and
separating connectors under electrical load)
DIN-EN 60512-99-001, DIN-EN 60512-99-002
Endurance tests
DIN EN 60603-7:2019-11, DIN EN 60603-7-1:2012-01
Climate tests
DIN EN 60603-7:2019-11, DIN EN 60603-7-1:2012-01



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com