Electronic Components Datasheet Search
  English  ▼

X  

LM5148 Datasheet(PDF) 32 Page - Texas Instruments

Part # LM5148
Description  LM5148 80-V, Synchronous, Buck DC/DC Controller with Ultra-Low IQ and Dual Random Spread Spectrum
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5148 Datasheet(HTML) 32 Page - Texas Instruments

Back Button LM5148 Datasheet HTML 28Page - Texas Instruments LM5148 Datasheet HTML 29Page - Texas Instruments LM5148 Datasheet HTML 30Page - Texas Instruments LM5148 Datasheet HTML 31Page - Texas Instruments LM5148 Datasheet HTML 32Page - Texas Instruments LM5148 Datasheet HTML 33Page - Texas Instruments LM5148 Datasheet HTML 34Page - Texas Instruments LM5148 Datasheet HTML 35Page - Texas Instruments LM5148 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 70 page
background image
• VMAX is the allowed dBμV noise level for the applicable conducted EMI specification, for example CISPR 32
Class B.
• CIN is the existing input capacitance of the buck regulator.
• DMAX is the maximum duty cycle.
• IPEAK is the peak inductor current.
For filter design purposes, the current at the input can be modeled as a square-wave. Determine the passive
EMI filter capacitance CF from Equation 22.
2
Attn
40
F
IN
SW
1
10
C
L
2
F
S
§
·
¨
¸
¨
¸
˜
¨
¸
¨
¸
©
¹
(22)
Adding an input filter to a switching regulator modifies the control-to-output transfer function. The output
impedance of the filter must be sufficiently small so that the input filter does not significantly affect the loop
gain of the buck converter. The impedance peaks at the filter resonant frequency. The resonant frequency of the
passive filter is given by Equation 23.
res
IN
F
1
f
2
L
C
S ˜
˜
(23)
The purpose of RD is to reduce the peak output impedance of the filter at the resonant frequency. Capacitor CD
blocks the DC component of the input voltage to avoid excessive power dissipation in RD. Capacitor CD must
have lower impedance than RD at the resonant frequency with a capacitance value greater than that of the input
capacitor CIN. This prevents CIN from interfering with the cutoff frequency of the main filter. Added input damping
is needed when the output impedance of the filter is high at the resonant frequency (Q of filter formed by LIN and
CIN is too high). An electrolytic capacitor CD can be used for input damping with a value given by Equation 24.
D
IN
C
4 C
t
˜
(24)
Select the input damping resistor RD using Equation 25.
IN
D
IN
L
R
C
(25)
9.1.2 Error Amplifier and Compensation
Figure 9-3 shows a type-ll compensator using a transconductance error amplifier (EA). The dominant pole of the
EA open-loop gain is set by the EA output resistance, RO-EA, and effective bandwidth-limiting capacitance, CBW,
as shown by Equation 26.
O-EA
EA(openloop)
O-EA
BW
g
R
G
(s)
1 s R
C
˜
˜
˜
m
(26)
The EA high-frequency pole is neglected in the above expression. Equation 27 calculates the compensator
transfer function from output voltage to COMP node, including the gain contribution from the (internal or external)
feedback resistor network.
LM5148
SNVSC01 – FEBRUARY 2023
www.ti.com
32
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: LM5148



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com