Electronic Components Datasheet Search
  English  ▼

X  

LM5148 Datasheet(PDF) 16 Page - Texas Instruments

Part # LM5148
Description  LM5148 80-V, Synchronous, Buck DC/DC Controller with Ultra-Low IQ and Dual Random Spread Spectrum
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5148 Datasheet(HTML) 16 Page - Texas Instruments

Back Button LM5148 Datasheet HTML 12Page - Texas Instruments LM5148 Datasheet HTML 13Page - Texas Instruments LM5148 Datasheet HTML 14Page - Texas Instruments LM5148 Datasheet HTML 15Page - Texas Instruments LM5148 Datasheet HTML 16Page - Texas Instruments LM5148 Datasheet HTML 17Page - Texas Instruments LM5148 Datasheet HTML 18Page - Texas Instruments LM5148 Datasheet HTML 19Page - Texas Instruments LM5148 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 70 page
background image
8.3 Feature Description
8.3.1 Input Voltage Range (VIN)
The LM5148 operational input voltage range is from 3.5 V to 80 V. The device is intended for step-down
conversions from 12-V, 24-V, and 48-V supply rails. The application circuit in Figure 9-4 shows all the necessary
components to implement an LM5148 based wide-VIN single-output step-down regulator using a single supply.
The LM5148 uses an internal LDO to provide a 5-V VCC bias rail for the gate drive and control circuits
(assuming the input voltage is higher than 5 V with additional voltage margin necessary for the subregulator
dropout specification).
In high input voltage applications, take extra care to ensure that the VIN and SW pins do not exceed their
absolute maximum voltage rating of 85 V during line or load transient events. Voltage excursions that exceed the
applicable voltage specifications can damage the device.
Care must be taken in applications where there are fast input transients that cause the voltage at VIN to
suddenly drop more than 2 V below the VOUT setpoint. The LM5148 has an internal ESD diode from the VOUT
to the VIN pins that can conduct under such conditions causing the output to discharge. To prevent damage to
the internal ESD diode under the said conditions, TI recommends adding a Schottky diode in series with the VIN
pin of the LM5148 to prevent reverse current flow from VOUT to VIN.
As VIN approaches VOUT, the LM5148 skips tOFF cycles to allow the controller to extend its duty cycle up to
approximately 99%. Refer to Dropout Mode.
Use Equation 1 to calculate when the LM5148 enters dropout mode.
VIN=VOUT×  tPtP − tOFF
(1)
• tP is the oscillator period
• tOFF is the minimum off time, typical 90 ns
VOUT
HO-SW
Low Dropout Mode
PWM Mode
~99% Duty Cycle
VIN
one
tOFF skip
two
tOFF skip
three
tOFF skip
up to 15
tOFF skip
up to 15
tOFF skip
Figure 8-1. Dropout Mode Operation
8.3.2 High-Voltage Bias Supply Regulator (VCC, VCCX, VDDA)
The LM5148 contains an internal high-voltage VCC bias regulator that provides the bias supply for the PWM
controller and the gate drivers for the external MOSFETs. The input voltage pin (VIN) can be connected directly
to an input voltage source up to 80 V. However, when the input voltage is below the VCC setpoint level, the VCC
voltage tracks VIN minus a small voltage drop.
The VCC regulator output current limit is 115 mA (minimum). At power up, the controller sources current into the
capacitor connected at the VCC pin. When the VCC voltage exceeds 3.3 V and the EN pin is connected to a
voltage greater than 1 V, the soft-start sequence begins. The output remains active unless the VCC voltage falls
LM5148
SNVSC01 – FEBRUARY 2023
www.ti.com
16
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: LM5148



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com