Electronic Components Datasheet Search
  English  ▼

X  

LM5148 Datasheet(PDF) 2 Page - Texas Instruments

Part # LM5148
Description  LM5148 80-V, Synchronous, Buck DC/DC Controller with Ultra-Low IQ and Dual Random Spread Spectrum
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5148 Datasheet(HTML) 2 Page - Texas Instruments

  LM5148 Datasheet HTML 1Page - Texas Instruments LM5148 Datasheet HTML 2Page - Texas Instruments LM5148 Datasheet HTML 3Page - Texas Instruments LM5148 Datasheet HTML 4Page - Texas Instruments LM5148 Datasheet HTML 5Page - Texas Instruments LM5148 Datasheet HTML 6Page - Texas Instruments LM5148 Datasheet HTML 7Page - Texas Instruments LM5148 Datasheet HTML 8Page - Texas Instruments LM5148 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 70 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Revision History.............................................................. 2
5 Description (continued).................................................. 2
6 Pin Configuration and Functions...................................3
7 Specifications.................................................................. 5
7.1 Absolute Maximum Ratings........................................ 5
7.2 ESD Ratings............................................................... 5
7.3 Recommended Operating Conditions.........................5
7.4 Thermal Information....................................................6
7.5 Electrical Characteristics.............................................6
7.6 Typical Characteristics.............................................. 10
8 Detailed Description......................................................14
8.1 Overview................................................................... 14
8.2 Functional Block Diagram......................................... 15
8.3 Feature Description...................................................16
8.4 Device Functional Modes..........................................26
9 Application and Implementation.................................. 27
9.1 Application Information............................................. 27
9.2 Typical Applications.................................................. 34
9.3 Power Supply Recommendations.............................53
9.4 Layout....................................................................... 53
10 Device and Documentation Support..........................59
10.1 Device Support....................................................... 59
10.2 Documentation Support.......................................... 60
10.3 Receiving Notification of Documentation Updates..61
10.4 Support Resources................................................. 61
10.5 Trademarks.............................................................61
10.6 Electrostatic Discharge Caution..............................61
10.7 Glossary..................................................................61
11 Mechanical, Packaging, and Orderable
Information.................................................................... 61
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
DATE
REVISION
NOTES
February 2023
*
Initial release
5 Description (continued)
Additional features of the LM5148 include 150°C maximum junction temperature operation, user-selectable
diode emulation for lower current consumption at light-load conditions, open-drain power-good flag for fault
reporting and output monitoring, precision enable input, monotonic start-up into prebiased load, integrated VCC
bias supply regulator, internal 3-ms soft-start time, and thermal shutdown protection with automatic recovery.
The LM5148 controller comes in a 3.5-mm × 5.5-mm thermally enhanced, 24-pin VQFN package.
LM5148
SNVSC01 – FEBRUARY 2023
www.ti.com
2
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: LM5148



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com