Electronic Components Datasheet Search
  English  ▼

X  

STD35NF06LT4 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STD35NF06LT4
Description  N-channel 60 V, 0.014 Ω, 35 A STripFET™ II Power MOSFET in a DPAK package
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD35NF06LT4 Datasheet(HTML) 1 Page - STMicroelectronics

  STD35NF06LT4 Datasheet HTML 1Page - STMicroelectronics STD35NF06LT4 Datasheet HTML 2Page - STMicroelectronics STD35NF06LT4 Datasheet HTML 3Page - STMicroelectronics STD35NF06LT4 Datasheet HTML 4Page - STMicroelectronics STD35NF06LT4 Datasheet HTML 5Page - STMicroelectronics STD35NF06LT4 Datasheet HTML 6Page - STMicroelectronics STD35NF06LT4 Datasheet HTML 7Page - STMicroelectronics STD35NF06LT4 Datasheet HTML 8Page - STMicroelectronics STD35NF06LT4 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
This is information on a product in full production.
April 2012
Doc ID 7662 Rev 5
1/14
14
STD35NF06L
N-channel 60 V, 0.014
Ω, 35 A STripFET™ II Power MOSFET
in a DPAK package
Datasheet — production data
Features
■ Low threshold drive
■ Gate charge minimized
Applications
■ Switching application
Description
This Power MOSFET has been developed using
STMicroelectronics’ unique STripFET process,
which is specifically designed to minimize input
capacitance and gate charge. This renders the
device suitable for use as primary switch in
advanced high-efficiency isolated DC-DC
converters for telecom and computer applications,
and applications with low gate charge driving
requirements.
Figure 1.
Internal schematic diagram
Order code
VDSS
RDS(on)
ID
STD35NF06LT4
60V
<0.017
Ω
35A
DPAK
1
3
TAB
Table 1.
Device summary
Order code
Marking
Package
Packaging
STD35NF06LT4
D35NF06L
DPAK
Tape and reel
www.st.com


Similar Part No. - STD35NF06LT4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD35NF06LT4 STMICROELECTRONICS-STD35NF06LT4 Datasheet
431Kb / 9P
N-CHANNEL 60V - 0.014ohm - 35A DPAK STripFET?줚I MOSFET
Nov-2003
logo
VBsemi Electronics Co.,...
STD35NF06LT4 VBSEMI-STD35NF06LT4 Datasheet
989Kb / 7P
N-Channel 60 V (D-S) MOSFET
More results

Similar Description - STD35NF06LT4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD30NF04LT STMICROELECTRONICS-STD30NF04LT Datasheet
912Kb / 15P
N-channel 40 V, 0.03 typ., 30 A, STripFET II Power MOSFET in a DPAK package
23-Nov-2012
STD46N6F7 STMICROELECTRONICS-STD46N6F7 Datasheet
770Kb / 14P
N-channel 60 V, 0.012 Ω typ., 15 A STripFET™ F7 Power MOSFET in a DPAK package
January 2016 Rev 2
STD35P6LLF6 STMICROELECTRONICS-STD35P6LLF6 Datasheet
754Kb / 16P
P-channel 60 V, 0.025 Ω typ., 35 A STripFET™F6 Power MOSFET in a DPAK package
03-Apr-2017
STD30NF06LAG STMICROELECTRONICS-STD30NF06LAG Datasheet
721Kb / 15P
Automotive-grade N-channel 60 V, 0.022 Ω typ., 35 A STripFET™ II Power MOSFET in a DPAK package
14-Feb-2017
STB25NF06AG STMICROELECTRONICS-STB25NF06AG Datasheet
817Kb / 15P
Automotive-grade N-channel 60 V, 0.056 Ω typ., 19 A STripFET™ II Power MOSFET in a D²PAK package
12-May-2016
STD13NM50N STMICROELECTRONICS-STD13NM50N Datasheet
665Kb / 18P
N-channel 500 V, 0.285 Ω typ., 12 A MDmesh™ II Power MOSFET in a DPAK package
22-Oct-2018
STD20NF06LAG STMICROELECTRONICS-STD20NF06LAG Datasheet
605Kb / 15P
Automotive-grade N-channel 60 V, 32 mΩ typ., 24 A, STripFET II Power MOSFET in a DPAK package
01-Oct-2019
STI70N10F4 STMICROELECTRONICS-STI70N10F4 Datasheet
723Kb / 12P
N-channel 100 V, 0.015 Ω, 60 A, STripFET™ DeepGATE™ Power MOSFET in I2PAK
23-Sep-2009
STD10P10F6 STMICROELECTRONICS-STD10P10F6_V01 Datasheet
403Kb / 16P
P-channel -100 V, 0.36 Ω typ., -10 A STripFET F6 Power MOSFET in a DPAK package
26-Apr-2022
STD12NF06LT4 STMICROELECTRONICS-STD12NF06LT4_V01 Datasheet
555Kb / 19P
N-channel 60 V, 70 mΩ typ., 12 A, StripFET™ II Power MOSFET in a DPAK package
09-Aug-2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com