Electronic Components Datasheet Search
  English  ▼

X  

STD35NF06LT4 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STD35NF06LT4
Description  N-channel 60 V, 0.014 Ω, 35 A STripFET™ II Power MOSFET in a DPAK package
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD35NF06LT4 Datasheet(HTML) 4 Page - STMicroelectronics

  STD35NF06LT4 Datasheet HTML 1Page - STMicroelectronics STD35NF06LT4 Datasheet HTML 2Page - STMicroelectronics STD35NF06LT4 Datasheet HTML 3Page - STMicroelectronics STD35NF06LT4 Datasheet HTML 4Page - STMicroelectronics STD35NF06LT4 Datasheet HTML 5Page - STMicroelectronics STD35NF06LT4 Datasheet HTML 6Page - STMicroelectronics STD35NF06LT4 Datasheet HTML 7Page - STMicroelectronics STD35NF06LT4 Datasheet HTML 8Page - STMicroelectronics STD35NF06LT4 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Electrical characteristics
STD35NF06L
4/14
Doc ID 7662 Rev 5
2
Electrical characteristics
(TCASE= 25 °C unless otherwise specified)
Table 4.
On/off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source
breakdown voltage
ID = 250 µA, VGS =0
60
V
IDSS
Zero gate voltage
drain current (VGS = 0)
VDS = 60 V
VDS = 60 V, TC = 125 °C
1
10
µA
µA
IGSS
Gate-body leakage
current (VDS = 0)
VGS = ± 16 V
±100
nA
VGS(th)
Gate threshold voltage
VDS = VGS, ID = 250 µA
1
2.5
V
RDS(on)
Static drain-source
on-resistance
VGS = 10 V, ID = 17.5 A
VGS = 4.5 V, ID = 17.5 A
0.014
0.016
0.017
0.020
Ω
Ω
Table 5.
Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
gfs
(1)
1.
Pulsed: pulse duration = 300 µs, duty cycle 1.5%.
Forward
transconductance
VDS = 15 V, ID = 17.5 A
-
28
S
Ciss
Coss
Crss
Input capacitance
Output capacitance
Reverse transfer
capacitance
VDS = 25 V, f = 1 MHz,
VGS = 0
-
1700
305
105
pF
pF
pF
td(on)
tr
td(off)
tf
Turn-on delay time
Rise time
Turn-off delay time
Fall time
VDD = 30 V, ID = 27.5 A
RG =4.7 Ω VGS = 4.5 V
(see Figure 13)
-
20
100
40
20
ns
ns
ns
ns
Qg
Qgs
Qgd
Total gate charge
Gate-source charge
Gate-drain charge
VDD = 48 V, ID = 55 A,
VGS = 4.5 V, RG =4.7 Ω
(see Figure 14)
-
25
5
10
33
nC
nC
nC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com