Electronic Components Datasheet Search
  English  ▼

X  

CXE15 Datasheet(PDF) 13 Page - Artesyn Technologies

Part # CXE15
Description  High Efficiency DC/DC Converters
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

CXE15 Datasheet(HTML) 13 Page - Artesyn Technologies

Back Button CXE15 Datasheet HTML 9Page - Artesyn Technologies CXE15 Datasheet HTML 10Page - Artesyn Technologies CXE15 Datasheet HTML 11Page - Artesyn Technologies CXE15 Datasheet HTML 12Page - Artesyn Technologies CXE15 Datasheet HTML 13Page - Artesyn Technologies CXE15 Datasheet HTML 14Page - Artesyn Technologies CXE15 Datasheet HTML 15Page - Artesyn Technologies CXE15 Datasheet HTML 16Page - Artesyn Technologies CXE15 Datasheet HTML 17Page - Artesyn Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
CXE15 Single Series
| 10.8 to 15W DC/DC
13
www.artesyn.com
Protection and Control Features
CXE15-48S05 Model
Efficiency
CXE15-48S05 Model
High Efficiency DC/DC converters
Characteristic
Symbol
Min
Typ
Max
Units
Notes and Conditions
Efficiency
η
86
87
%
Iout = 100% Iout (max),
Vin = Vin (nom)
Efficiency
η
82
84
%
Iout = 50% Iout (max),
Vin = Vin (nom)
Electrical Characteristics - O/P
CXE15-48S05 Model
Characteristic
Symbol
Min
Typ
Max
Units
Notes and Conditions
Load transient response -
Vdynamic
100
mV
Peak deviation for 50% to 75%
peak deviation
step load, di/dt = 100mA/µsec
Load transient response -
Trecovery
400
µsec
Settling time to within 1% of
recovery
output set point voltage for 50%
to 75% step load
External load capacitance
Cext
0
10,000
µF
Characteristic
Symbol
Min
Typ
Max
Units
Notes and Conditions
Overvoltage clamp voltage
Vov
5.5
7.2
V DC
Non-latching
Refer to Application Note 116
Overcurrent limit inception
Ioc
3.7
4.2
A DC
Vo = 90% of Vo (nom)
Allowable output voltage
110
%
Trim up (% of Vo nom). Note
trim range
that the maximum output power
is still 15W. Derate the
maximum output current
accordingly
90
%
Trim down (% of Vo nom)
See Application Note 116 for
details of trim equations and
trim curves
Open sense voltage
V DC
No sense function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com