Electronic Components Datasheet Search
  English  ▼

X  

CXE15 Datasheet(PDF) 19 Page - Artesyn Technologies

Part # CXE15
Description  High Efficiency DC/DC Converters
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

CXE15 Datasheet(HTML) 19 Page - Artesyn Technologies

Back Button CXE15 Datasheet HTML 15Page - Artesyn Technologies CXE15 Datasheet HTML 16Page - Artesyn Technologies CXE15 Datasheet HTML 17Page - Artesyn Technologies CXE15 Datasheet HTML 18Page - Artesyn Technologies CXE15 Datasheet HTML 19Page - Artesyn Technologies CXE15 Datasheet HTML 20Page - Artesyn Technologies CXE15 Datasheet HTML 21Page - Artesyn Technologies CXE15 Datasheet HTML 22Page - Artesyn Technologies CXE15 Datasheet HTML 23Page - Artesyn Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
CXE15 Single Series
| 10.8 to 15W DC/DC
High Efficiency DC/DC converters
19
www.artesyn.com
Figure 29: Typical Power-up Characteristic
Figure 30: Control On/Off Characteristic
Figure 31: Typical Transient Response 50%-75%
Step Load Change
TIME (mSec)
-0.02
-0.06
0.00
0.02
-0.04
-0.08
0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0
0
2468
10
0.0
1.0
2.0
3.0
4.0
TIME (mSec)
Low Line
Nom Line
High Line
Signal
0
12345
0
2
3
1
4
TIME (mSec)
Low Line
Nom Line
High Line
Signal
Figure 33: Typical Ripple and Noise Measurement
Figure 32: Typical Transient Response 75%-50%
Step Load Change
TIME (mSec)
-0.02
0.08
0.04
0.00
0.02
0.10
0.06
0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0
TIME (2.0
µSec/Div)
CXE15-48S3V3 Model



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com