Electronic Components Datasheet Search
  English  ▼

X  

CXE15 Datasheet(PDF) 14 Page - Artesyn Technologies

Part # CXE15
Description  High Efficiency DC/DC Converters
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

CXE15 Datasheet(HTML) 14 Page - Artesyn Technologies

Back Button CXE15 Datasheet HTML 10Page - Artesyn Technologies CXE15 Datasheet HTML 11Page - Artesyn Technologies CXE15 Datasheet HTML 12Page - Artesyn Technologies CXE15 Datasheet HTML 13Page - Artesyn Technologies CXE15 Datasheet HTML 14Page - Artesyn Technologies CXE15 Datasheet HTML 15Page - Artesyn Technologies CXE15 Datasheet HTML 16Page - Artesyn Technologies CXE15 Datasheet HTML 17Page - Artesyn Technologies CXE15 Datasheet HTML 18Page - Artesyn Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
SXA10 Series
| 15W DC/DC
CXE15 Single Series
| 10.8 to 15W DC/DC
High Efficiency DC/DC converters
14
Figure 4: Efficiency vs Line
Figure 5: Typical Efficiency vs Ambient Temperature
33.9
79.0
78.5
80.0
79.5
80.5
81.5
81.0
82.0
83.0
82.5
83.5
42.2
50.4
58.6
66.8
75.1
INPUT VOLTAGE (V)
-40
60
65
70
75
80
85
90
-20
0
20
40
60
80
100
AMBIENT TEMPERATURE (
°C)
100% Load
50% Load
25% L0ad
Figure 6: Efficiency vs Load
0
0
20
10
30
40
70
50
60
90
80
234
16
5
OUTPUT CURRENT (A)
Low Line
Nom Line
High Line
Figure 1: Output Current vs Temperature
(Still Air)
-40
-20
0
20
40
60
80
100
0
20
40
60
80
100
120
AMBIENT TEMPERATURE (
°C)
33Vin - 75Vin
<60Vin
CXE15-48S1V8 Model
Figure 3: V-1 Characteristic Over Input Line
0
0.0
0.4
0.8
1.2
1.6
2.0
6
24
8
10
12
Low Line
Nom Line
High Line
OUTPUT CURRENT (A)
Figure 2: Output Current vs Temperature
with Forced Air Cooling
25
3
3.5
4
4.5
5
5.5
6
6.5
55
35
45
65
75
85
AMBIENT TEMPERATURE (˚C)
100LFM
Natural
Convection
Simulation
200LFM
300LFM
400LFM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com