Electronic Components Datasheet Search
  English  ▼

X  

AOZ1380DI Datasheet(PDF) 13 Page - Alpha & Omega Semiconductors

Part # AOZ1380DI
Description  USB Type-C PD 20mΩ Sink and 39mΩ Source Combo 2-in-1 Protection Switches
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOZ1380DI Datasheet(HTML) 13 Page - Alpha & Omega Semiconductors

Back Button AOZ1380DI Datasheet HTML 9Page - Alpha & Omega Semiconductors AOZ1380DI Datasheet HTML 10Page - Alpha & Omega Semiconductors AOZ1380DI Datasheet HTML 11Page - Alpha & Omega Semiconductors AOZ1380DI Datasheet HTML 12Page - Alpha & Omega Semiconductors AOZ1380DI Datasheet HTML 13Page - Alpha & Omega Semiconductors AOZ1380DI Datasheet HTML 14Page - Alpha & Omega Semiconductors AOZ1380DI Datasheet HTML 15Page - Alpha & Omega Semiconductors AOZ1380DI Datasheet HTML 16Page - Alpha & Omega Semiconductors AOZ1380DI Datasheet HTML 17Page - Alpha & Omega Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
Rev. 1.3 December 2020
www.aosmd.com
Page 13 of 24
AOZ1380DI
ALPHA & OMEGA
SEMIC ONDUCT OR
Typical Characteristics for Sink Mode
TA = 25°C, VBUS = 20V, ENB_SNK = EN_SRC = 0V, C
VBUS = 10µF, CVCHG = 120µF, CSS = 5.6nF, POVP = GND, no load,
unless otherwise specified.
VBUS
(2V/div)
(5ms/div)
VCHG
(2V/div)
I_SW
(1A/div)
ENB_SNK
(10V/div)
Figure 8. Sink Mode Soft Start Delay Time
(VBUS = 5V)
VBUS
(5V/div)
(5ms/div)
VCHG
(5V/div)
I_SW
(1A/div)
ENB_SNK
(10V/div)
Figure 9. Sink Mode Soft Start Ramp
(VBUS = 20V)
VBUS
(2V/div)
(500µs/div)
VCHG
(2V/div)
I_SW
(1A/div)
Figure 10. Sink Mode Soft Start Ramp
(VBUS = 5V)
VBUS
(5V/div)
(1ms/div)
VCHG
(5V/div)
I_SW
(1A/div)
Figure 11. Sink Mode Soft Start Ramp
(VBUS = 20V)
VBUS
(5V/div)
(10ms/div)
VCHG
(5V/div)
ENB_SNK
(10V/div)
I_SW
(100mA/div)
Figure 12. Sink Mode Shut Down
VBUS
(200
mV/div)
(2µs/div)
VCHG
(200
mV/div)
FLTB_SNK
(10V/div)
I_SW
(1A/div)
Figure 13. Sink Mode True Reverse Current
Blocking (VBUS=5V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com