Electronic Components Datasheet Search
  English  ▼

X  

AOZ1380DI Datasheet(PDF) 2 Page - Alpha & Omega Semiconductors

Part # AOZ1380DI
Description  USB Type-C PD 20mΩ Sink and 39mΩ Source Combo 2-in-1 Protection Switches
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOZ1380DI Datasheet(HTML) 2 Page - Alpha & Omega Semiconductors

  AOZ1380DI Datasheet HTML 1Page - Alpha & Omega Semiconductors AOZ1380DI Datasheet HTML 2Page - Alpha & Omega Semiconductors AOZ1380DI Datasheet HTML 3Page - Alpha & Omega Semiconductors AOZ1380DI Datasheet HTML 4Page - Alpha & Omega Semiconductors AOZ1380DI Datasheet HTML 5Page - Alpha & Omega Semiconductors AOZ1380DI Datasheet HTML 6Page - Alpha & Omega Semiconductors AOZ1380DI Datasheet HTML 7Page - Alpha & Omega Semiconductors AOZ1380DI Datasheet HTML 8Page - Alpha & Omega Semiconductors AOZ1380DI Datasheet HTML 9Page - Alpha & Omega Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
Rev. 1.3 December 2020
www.aosmd.com
Page 2 of 24
AOZ1380DI
ALPHA & OMEGA
SEMIC ONDUCT OR
Typical Application
VCHG
POVP
ENB_SNK
EN_SRC
GND
FLTB_SRC
VBUS
AOZ1380DI
CVCHG
CVBUS
RFLTB_SRC
FLTB_SNK
Charger
5V Buck
Regulator
Electrically
isolated thermal
pad on PCB
TVS Diode
USB
Connector
VBUS
GND
V5V
CV5V
ILIM
FON
EXP
RFLTB_SNK
5V
SS_SNK
CSS
RILIM
Sink Mode
Source Mode
Sink Mode
Source Mode
FRS Ac�ve



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com