Electronic Components Datasheet Search
  English  ▼

X  

QL4058 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # QL4058
Description  58,000 Usable PLD Gate QuickRAM ESP Combining Performance, Density and Embedded RAM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

QL4058 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button QL4058 Datasheet HTML 9Page - List of Unclassifed Manufacturers QL4058 Datasheet HTML 10Page - List of Unclassifed Manufacturers QL4058 Datasheet HTML 11Page - List of Unclassifed Manufacturers QL4058 Datasheet HTML 12Page - List of Unclassifed Manufacturers QL4058 Datasheet HTML 13Page - List of Unclassifed Manufacturers QL4058 Datasheet HTML 14Page - List of Unclassifed Manufacturers QL4058 Datasheet HTML 15Page - List of Unclassifed Manufacturers QL4058 Datasheet HTML 16Page - List of Unclassifed Manufacturers QL4058 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
© 2002 QuickLogic Corporation
www.quicklogic.com
13
•
•
•
•
•
•
QL4058 QuickRAM Data Sheet Rev H
JTAG
Figure 10: JTAG Block Diagram
Microprocessors and Application Specific Integrated Circuits (ASICs) pose many design
challenges. One of these challenges concerns the accessibility of test points. The Joint Test
Access Group (JTAG) formed in response to this challenge, resulting in IEEE standard
1149.1, the Standard Test Access Port and Boundary Scan Architecture.
The JTAG boundary scan test methodology allows complete observation and control of the
boundary pins of a JTAG-compatible device through JTAG software. A Test Access Port
(TAP) controller works in concert with the Instruction Register (IR); these allow users to run
three required tests, along with several user-defined tests.
JTAG tests allow users to reduce system debug time, reuse test platforms and tools, and reuse
subsystem tests for fuller verification of higher level system elements.
TCK
TMS
TRSTB
RDI
TDO
Instruction Decode
&
Control Logic
TAp Controller
State Machine
(16 States)
Instruction Register
Boundary-Scan Register
(Data Register)
Mux
Bypass
Register
Mux
Internal
Register
I/O Registers
User Defined Data Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com