Electronic Components Datasheet Search
  English  ▼

X  

QL4058 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # QL4058
Description  58,000 Usable PLD Gate QuickRAM ESP Combining Performance, Density and Embedded RAM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

QL4058 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  QL4058 Datasheet HTML 1Page - List of Unclassifed Manufacturers QL4058 Datasheet HTML 2Page - List of Unclassifed Manufacturers QL4058 Datasheet HTML 3Page - List of Unclassifed Manufacturers QL4058 Datasheet HTML 4Page - List of Unclassifed Manufacturers QL4058 Datasheet HTML 5Page - List of Unclassifed Manufacturers QL4058 Datasheet HTML 6Page - List of Unclassifed Manufacturers QL4058 Datasheet HTML 7Page - List of Unclassifed Manufacturers QL4058 Datasheet HTML 8Page - List of Unclassifed Manufacturers QL4058 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
2
www.quicklogic.com
© 2002 QuickLogic Corporation
•
•
•
•
•
•
QL4058 QuickRAM Data Sheet Rev H
Architecture Overview
The QuickRAM family of ESPs (Embedded Standard Products) offers FPGA logic in
combination with Dual-Port SRAM modules. The QL4058 is a 58,000 usable PLD gate
member of the QuickRAM family of ESPs. QuickRAM ESPs are fabricated on a 0.35
µm
four-layer metal process using QuickLogic's patented ViaLinkTM technology to provide a
unique combination of high performance, high density, low cost, and extreme ease-of-use.
The QL4058 contains 1,008 logic cells and 18 Dual Port RAM modules (see Figure 1). Each
RAM module has 1,152 RAM bits, for a total of 20,736 bits. RAM Modules are Dual Port
(one read port, one write port) and can be configured into one of four modes:
64 (deep)
× 18 (wide), 128 × 9, 256 × 4, or 512 × 2 (see Figure 4). With a maximum of
252 I/Os, the QL4058 is available in 208-PQFP, 240-pin PQFP, and 456-pin PBGA
packages.
Designers can cascade multiple RAM modules to increase the depth or width allowed in
single modules by connecting corresponding address lines together and dividing the words
between modules (see Figure 2). This approach allows up to 512-deep configurations as
large as 16 bits wide in the smallest QuickRAM device and 44 bits wide in the largest device.
Software support for the complete QuickRAM family, including the QL4058, is available
through two basic packages. The turnkey QuickWorksTM package provides the most
complete ESP software solution from design entry to logic synthesis, to place and route, to
simulation. The QuickTools package provides a solution for designers who use Cadence,
Exemplar, Mentor, Synopsys, Synplicity, Viewlogic, Aldec, or other third-party tools for
design entry, synthesis, or simulation.
The QuickLogicTM variable grain logic cell features up to 16 simultaneous inputs and five
outputs within a cell that can be fragmented into five independent cells. Each cell has a fan-
in of 29 including register and control lines (see Figure 3).
Figure 2: QuickRAM Module Bits
RDATA
WDATA
RADDR
RDATA
WADDR
WDATA
RAM
Module
(1,152 bits)
RAM
Module
(1,152 bits)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com