Electronic Components Datasheet Search
  English  ▼

X  

QL4058 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # QL4058
Description  58,000 Usable PLD Gate QuickRAM ESP Combining Performance, Density and Embedded RAM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

QL4058 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  QL4058 Datasheet HTML 1Page - List of Unclassifed Manufacturers QL4058 Datasheet HTML 2Page - List of Unclassifed Manufacturers QL4058 Datasheet HTML 3Page - List of Unclassifed Manufacturers QL4058 Datasheet HTML 4Page - List of Unclassifed Manufacturers QL4058 Datasheet HTML 5Page - List of Unclassifed Manufacturers QL4058 Datasheet HTML 6Page - List of Unclassifed Manufacturers QL4058 Datasheet HTML 7Page - List of Unclassifed Manufacturers QL4058 Datasheet HTML 8Page - List of Unclassifed Manufacturers QL4058 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
© 2002 QuickLogic Corporation
www.quicklogic.com
1
•
•
•
•
•
•
• • • • • •
Device Highlights
High Performance & High Density
•
58,000 Usable PLD Gates with 252 I/Os
•
300 MHz 16-bit Counters, 400 MHz
Datapaths, 160+ MHz FIFOs
•
0.35
µm four-layer metal non-volatile
CMOS process for smallest die sizes
High Speed Embedded SRAM
•
18 dual-port RAM modules, organized in
user-configurable 1,152 bit blocks
•
5 ns access times, each port independently
accessible
•
Fast and efficient for FIFO, RAM, and ROM
functions
Easy to Use / Fast Development
Cycles
•
100% routable with 100% utilization and
complete pin-out stability
•
Variable-grain logic cells provide high
performance and 100% utilization
•
Comprehensive design tools include high
quality Verilog/VHDL synthesis
Advanced I/O Capabilities
•
Interfaces with both 3.3 V and 5.0 V devices
•
PCI compliant with 3.3 V and 5.0 V busses
for -1/-2/-3/-4 speed grades
•
Full JTAG boundary scan
•
I/O Cells with individually controlled
Registered Input Path and Output Enables
Figure 1: QuickRAM Block Diagram
18
RAM
Blocks
1,008
High Speed
Logic Cells
Interface
QL4058 QuickRAM Data Sheet
58,000 Usable PLD Gate QuickRAM ESP Combining Performance,
Density and Embedded RAM


Similar Part No. - QL4058

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QL4009 ETC1-QL4009 Datasheet
373Kb / 18P
9,000 Usable PLD Gate QuickRAM ESP Combining Performance, Density and Embedded RAM
QL4009-0PF100C ETC1-QL4009-0PF100C Datasheet
373Kb / 18P
9,000 Usable PLD Gate QuickRAM ESP Combining Performance, Density and Embedded RAM
QL4009-0PF100I ETC1-QL4009-0PF100I Datasheet
373Kb / 18P
9,000 Usable PLD Gate QuickRAM ESP Combining Performance, Density and Embedded RAM
QL4009-0PF100M ETC1-QL4009-0PF100M Datasheet
373Kb / 18P
9,000 Usable PLD Gate QuickRAM ESP Combining Performance, Density and Embedded RAM
QL4009-0PF84C ETC1-QL4009-0PF84C Datasheet
373Kb / 18P
9,000 Usable PLD Gate QuickRAM ESP Combining Performance, Density and Embedded RAM
More results

Similar Description - QL4058

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QL8025 ETC-QL8025 Datasheet
739Kb / 49P
LOW POWER FPGA COMBINING PERFORMANCE DENSITY AND EMBEDED RAM
QL4016 ETC-QL4016 Datasheet
478Kb / 18P
16,000 Usable PLD Gate QuickRAM ESP Combining Performance, Density and Embedded RAM
QL2009 ETC-QL2009 Datasheet
272Kb / 12P
3.3V and 5.0V pASIC 2 FPGA Combining Speed, Density, Low Cost and Flexibility
QL4009 ETC1-QL4009 Datasheet
373Kb / 18P
9,000 Usable PLD Gate QuickRAM ESP Combining Performance, Density and Embedded RAM
QL4016-1PB456M ETC1-QL4016-1PB456M Datasheet
576Kb / 22P
90,000 Usable PLD Gate QuickRAM Combining Performance, Density and Embedded RAM
QL3012 ETC1-QL3012 Datasheet
239Kb / 14P
60,000 Usable PLD Gate pASIC3 FPGA Combining High Performance and High Density
QL3025 ETC1-QL3025 Datasheet
528Kb / 17P
25,000 Usable PLD Gate pASIC 3 FPGA Combining High Performance and High Density
QL2007 ETC1-QL2007 Datasheet
299Kb / 10P
3.3V and 5.0V pASIC 2 FPGA Combining Speed, Density, Low Cost and Flexibility
logo
ATMEL Corporation
ATF16V8B ATMEL-ATF16V8B_1 Datasheet
657Kb / 16P
High Performance Flash PLD
logo
Lumileds Lighting Compa...
L1HX-2770200000000 LUMILEDS-L1HX-2770200000000 Datasheet
2Mb / 17P
Best performance. Most usable light.
20210523
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com