Electronic Components Datasheet Search
  English  ▼

X  

74F564 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 74F564
Description  Octal D flip-flop 3-State
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F564 Datasheet(HTML) 5 Page - NXP Semiconductors

  74F564 Datasheet HTML 1Page - NXP Semiconductors 74F564 Datasheet HTML 2Page - NXP Semiconductors 74F564 Datasheet HTML 3Page - NXP Semiconductors 74F564 Datasheet HTML 4Page - NXP Semiconductors 74F564 Datasheet HTML 5Page - NXP Semiconductors 74F564 Datasheet HTML 6Page - NXP Semiconductors 74F564 Datasheet HTML 7Page - NXP Semiconductors 74F564 Datasheet HTML 8Page - NXP Semiconductors 74F564 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Philips Semiconductors
Product specification
74F564
Octal D flip-flop (3-State)
1996 Jan 05
5
AC ELECTRICAL CHARACTERISTICS
LIMITS
SYMBOL
PARAMETER
TEST
CONDITIONS
Tamb= +25°C
VCC = +5V
CL = 50pF, RL = 500Ω
Tamb = 0°C to +70°C
VCC = +5V ± 10%
CL = 50pF, RL = 500Ω
UNIT
MIN
TYP
MAX
MIN
MAX
fMAX
Maximum Clock frequency
Waveform
NO TAG
160
180
150
MHz
tPLH
tPHL
Propagation delay
CP to Qn
Waveform
NO TAG
3.5
3.5
5.0
5.0
8.0
8.0
3.0
3.0
8.5
8.5
ns
tPZH
tPZL
Output Enable time
to High or Low level
Waveform 4
Waveform 5
2.5
4.0
4.5
5.5
7.5
8.0
2.0
3.5
8.0
8.5
ns
tPHZ
tPLZ
Output Disable time
from High or Low level
Waveform 4
Waveform 5
1.0
1.0
3.0
2.5
6.0
5.5
1.0
1.0
7.0
6.0
ns
AC SETUP REQUIREMENTS
LIMITS
SYMBOL
PARAMETER
TEST
CONDITIONS
Tamb= +25°C
VCC = +5V
CL = 50pF, RL = 500Ω
Tamb = 0°C to +70°C
VCC = +5.0V ± 10%
CL = 50pF, RL = 500Ω
UNIT
MIN
TYP
MAX
MIN
MAX
ts(H)
ts(L)
Setup time,
Dn to CP
Waveform 3
2.0
2.0
2.0
2.5
ns
th(H)
th(L)
Hold time,
Dn to CP
Waveform 3
1.0
1.0
1.5
1.5
ns
tw(H)
tw(L)
CP pulse width,
High or Low
Waveform NO TAG
3.5
3.5
3.5
3.5
ns
AC WAVEFORMS
For all waveforms, VM = 1.5V
The shaded areas indicate when the input is permitted to change for predictable output performance.
tW(H)
CP
Qn
VM
VM
VM
VM
VM
1/fMAX
tW(L)
tPLH
tPHL
SF01051
Waveform 1. Propagation Delay, Clock and Enable Inputs
to Output, Enable, Clock Pulse Widths,
and Maximum Clock Frequency
VM
VM
VM
tPHL
Dn
Qn
VM
tPLH
SF00990
Waveform 2. Propagation Delay for Data to Outputs



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com