Electronic Components Datasheet Search
  English  ▼

X  

74F564 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74F564
Description  Octal D flip-flop 3-State
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F564 Datasheet(HTML) 3 Page - NXP Semiconductors

  74F564 Datasheet HTML 1Page - NXP Semiconductors 74F564 Datasheet HTML 2Page - NXP Semiconductors 74F564 Datasheet HTML 3Page - NXP Semiconductors 74F564 Datasheet HTML 4Page - NXP Semiconductors 74F564 Datasheet HTML 5Page - NXP Semiconductors 74F564 Datasheet HTML 6Page - NXP Semiconductors 74F564 Datasheet HTML 7Page - NXP Semiconductors 74F564 Datasheet HTML 8Page - NXP Semiconductors 74F564 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Philips Semiconductors
Product specification
74F564
Octal D flip-flop (3-State)
1996 Jan 05
3
LOGIC DIAGRAM
D0
D1
D2
D3
D4
D5
D6
D7
Q0Q1Q2Q3Q4Q5Q6Q7
CP
OE
23
4
5
6
789
12
13
14
15
16
17
18
19
1
11
CP
D
Q
CP
D
Q
CP
Q
D
CP
D
Q
CP
D
Q
CP
D
Q
CP
D
Q
CP
D
Q
VCC=Pin 20
GND=Pin 10
SF01055
FUNCTION TABLE
INPUTS
INTERNAL
OUTPUTS
OPERATING MODES
OE
CP
Dn
REGISTER
Q0 – Q7
OPERATING MODES
L
L
↑
↑
l
h
L
H
H
L
Load and read register
L
↑
X
NC
NC
Hold
H
H
↑
↑
X
Dn
NC
Dn
Z
Z
Disable outputs
H = High voltage level
h = High voltage level one setup time prior to the Low-to-High clock transition
L = Low voltage level
l
= Low voltage level one setup time prior to the Low-to-High clock transition
NC= No change
X = Don’t care
Z = High impedance “off” state
↑ = Low-to-High clock transition
↑ = Not a Low-to-High clock transition
ABSOLUTE MAXIMUM RATINGS
(Operation beyond the limits set forth in this table may impair the useful life of the device.
Unless otherwise noted these limits are over the operating free-air temperature range.)
SYMBOL
PARAMETER
RATING
UNIT
VCC
Supply voltage
–0.5 to +7.0
V
VIN
Input voltage
–0.5 to +7.0
V
IIN
Input current
–30 to +5.0
mA
VOUT
Voltage applied to output in High output state
–0.5 to +VCC
V
IOUT
Current applied to output in Low output state
48
mA
Tamb
Operating free-air temperature range
0 to +70
°C
Tstg
Storage temperature
–65 to +150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com