Electronic Components Datasheet Search
  English  ▼

X  

74F564 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74F564
Description  Octal D flip-flop 3-State
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F564 Datasheet(HTML) 2 Page - NXP Semiconductors

  74F564 Datasheet HTML 1Page - NXP Semiconductors 74F564 Datasheet HTML 2Page - NXP Semiconductors 74F564 Datasheet HTML 3Page - NXP Semiconductors 74F564 Datasheet HTML 4Page - NXP Semiconductors 74F564 Datasheet HTML 5Page - NXP Semiconductors 74F564 Datasheet HTML 6Page - NXP Semiconductors 74F564 Datasheet HTML 7Page - NXP Semiconductors 74F564 Datasheet HTML 8Page - NXP Semiconductors 74F564 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Philips Semiconductors
Product specification
74F564
Octal D flip-flop (3-State)
2
1996 Jan 05
853-0166 16189
FEATURES
• 74F564 is broadside pinout version of 74F534
• Inputs and Outputs on opposite side of package allow easy
interface to Microprocessors
• Useful as an Input or Ouput port for Microprocessors
• 3-State Ouputs for Bus interfacing
• Common Output Enable
• 74F574 is a non-inverting version of 74F564
DESCRIPTION
The 74F564 has a broadside pinout configuration to facilitate PC
board layout and allows easy interface with microprocessors.
It is an 8-bit, edge triggered register coupled to eight 3-State output
buffers. The two sections of the device are controlled independently
by the clock (CP) and Output Enable (OE) control gates.
The register is fully edge-triggered. The state of each D input, one
setup time before the Low-to-High clock transition is transferred to
the corresponding flip-flop’s Q output.
The 3-State output buffers are designed to drive heavily loaded
3-State buses, MOS memories, or MOS microprocessors. The
active Low Output Enable (OE) controls all eight 3-State buffers
independently of the register operation. When OE is Low, data in the
register appears at the outputs. When OE is High, the outputs are in
high impedance “off” state, which means they will neither drive nor
load the bus.
PIN CONFIGURATION
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
OE
GND
VCC
CP
SF01052
Q0
D0
D1
Q1
D2
Q2
Q3
D3
Q4
D4
Q5
D5
Q6
D6
Q7
D7
TYPE
TYPICAL fMAX
TYPICAL SUPPLY
CURRENT
(TOTAL)
74F564
180MHz
50mA
ORDERING INFORMATION
DESCRIPTION
COMMERCIAL RANGE
VCC = 5V ±10%,
Tamb = 0°C to +70°C
PKG.
DWG #
20-Pin Plastic DIP
N74F564N
SOT146-1
20-Pin Plastic SOL
N74F564D
SOT163-1
INPUT AND OUTPUT LOADING AND FAN-OUT TABLE
PINS
DESCRIPTION
74F (U.L.)
HIGH/LOW
LOAD VALUE
HIGH/LOW
D0 - D7
Data inputs
1.0/1.0
20
µA/0.6mA
OE
Output Enable input (active Low)
1.0/1.0
20
µA/0.6mA
CP
Clock Pulse input (active rising edge)
1.0/1.0
20
µA/0.6mA
Q0 - Q7
3-State outputs
150/40
3.0mA/24mA
NOTE: One (1.0) FAST Unit Load (U.L.) is defined as: 20
µA in the High state and 0.6mA in the Low state.
LOGIC SYMBOL
34
56
78
14
15
16
17
18
19
1
11
CP
OE
Q0
D0
D1
Q1
D2
Q2
Q3
D3
Q4
D4
Q5
D5
9
2
12
13
Q6
D6
Q7
D7
SF01053
VCC=Pin 20
GND=Pin 10
LOGIC SYMBOL (IEEE/IEC)
1
2D
EN1
1
SF01054
11
C2
2
3
4
5
6
7
8
9
19
18
17
16
15
14
13
12



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com