Electronic Components Datasheet Search
  English  ▼

X  

X76F400X Datasheet(PDF) 11 Page - IC MICROSYSTEMS

Part # X76F400X
Description  Secure SerialFlash
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICMIC [IC MICROSYSTEMS]
Direct Link  http://www.icmic.com
Logo ICMIC - IC MICROSYSTEMS

X76F400X Datasheet(HTML) 11 Page - IC MICROSYSTEMS

Back Button X76F400X Datasheet HTML 6Page - IC MICROSYSTEMS X76F400X Datasheet HTML 7Page - IC MICROSYSTEMS X76F400X Datasheet HTML 8Page - IC MICROSYSTEMS X76F400X Datasheet HTML 9Page - IC MICROSYSTEMS X76F400X Datasheet HTML 10Page - IC MICROSYSTEMS X76F400X Datasheet HTML 11Page - IC MICROSYSTEMS X76F400X Datasheet HTML 12Page - IC MICROSYSTEMS X76F400X Datasheet HTML 13Page - IC MICROSYSTEMS X76F400X Datasheet HTML 14Page - IC MICROSYSTEMS  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
X76F400
Characteristics subject to change without notice.
11 of 14
REV 1.0 7/5/00
www.icmic.com
GUIDELINES FOR CALCULATING TYPICAL VALUES OF BUS PULL UP RESISTORS
100
80
60
40
20
Bus Capacitance in pF
RMIN
RMAX
20
40
60
80
100
R
MIN
V
CCMAX
I
OLMIN
--------------------------
1.8KΟ
=
=
R
MAX
t
R
C
BUS
------------------
=
tR = maximum allowable SDA rise time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com