Electronic Components Datasheet Search
  English  ▼

X  

X76F400X Datasheet(PDF) 14 Page - IC MICROSYSTEMS

Part # X76F400X
Description  Secure SerialFlash
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICMIC [IC MICROSYSTEMS]
Direct Link  http://www.icmic.com
Logo ICMIC - IC MICROSYSTEMS

X76F400X Datasheet(HTML) 14 Page - IC MICROSYSTEMS

Back Button X76F400X Datasheet HTML 6Page - IC MICROSYSTEMS X76F400X Datasheet HTML 7Page - IC MICROSYSTEMS X76F400X Datasheet HTML 8Page - IC MICROSYSTEMS X76F400X Datasheet HTML 9Page - IC MICROSYSTEMS X76F400X Datasheet HTML 10Page - IC MICROSYSTEMS X76F400X Datasheet HTML 11Page - IC MICROSYSTEMS X76F400X Datasheet HTML 12Page - IC MICROSYSTEMS X76F400X Datasheet HTML 13Page - IC MICROSYSTEMS X76F400X Datasheet HTML 14Page - IC MICROSYSTEMS  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
X76F400
Characteristics subject to change without notice.
14 of 14
LIMITED WARRANTY
Devices sold by Xicor, Inc. are covered by the warranty and patent indemnification provisions appearing in its Terms of Sale only. Xicor, Inc. makes no warranty, express, statutory,
implied, or by description regarding the information set forth herein or regarding the freedom of the described devices from patent infringement. Xicor, Inc. makes no warranty of
merchantability or fitness for any purpose. Xicor, Inc. reserves the right to discontinue production and change specifications and prices at any time and without notice.
Xicor, Inc. assumes no responsibility for the use of any circuitry other than circuitry embodied in a Xicor, Inc. product. No other circuits, patents, or licenses are implied.
TRADEMARK DISCLAIMER:
Xicor and the Xicor logo are registered trademarks of Xicor, Inc. AutoStore, Direct Write, Block Lock, SerialFlash, MPS, and XDCP are also trademarks of Xicor, Inc. All others
belong to their respective owners.
U.S. PATENTS
Xicor products are covered by one or more of the following U.S. Patents: 4,326,134; 4,393,481; 4,404,475; 4,450,402; 4,486,769; 4,488,060; 4,520,461; 4,533,846; 4,599,706;
4,617,652; 4,668,932; 4,752,912; 4,829,482; 4,874,967; 4,883,976; 4,980,859; 5,012,132; 5,003,197; 5,023,694; 5,084,667; 5,153,880; 5,153,691; 5,161,137; 5,219,774;
5,270,927; 5,324,676; 5,434,396; 5,544,103; 5,587,573; 5,835,409; 5,977,585. Foreign patents and additional patents pending.
LIFE RELATED POLICY
In situations where semiconductor component failure may endanger life, system designers using this product should design the system with appropriate error detection and
correction, redundancy and back-up features to prevent such an occurrence.
Xicor’s products are not authorized for use in critical components in life support devices or systems.
1.Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and whose failure to
perform, when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury to the user. 2.A critical
component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life
support device or system, or to affect its safety or effectiveness.
©Xicor, Inc. 2000 Patents Pending
REV 1.0 7/5/00
www.icmic.com
Ordering Information
Part Mark Convention
VCC Limits
Blank = 5V ±10%
2.5 = 2.5V to 5.5V
Temperature Range
Blank = Commercial = 0°C to +70°C
I = Industrial= –40°C to +85°C
Package
S8 = 8-Lead SOIC
V8 = 8-Lead TSSOP
H = Die in waffle packs (Contact Factory)
W = Die in wafer form (Contact Factory)
Device
X76F400
P
T
G –V
8-Lead TSSOP
YWW
8-Lead SOIC
X76F400 XG
XX
Blank = 8-Lead SOIC
G = RoHS compliant lead free
AE = 2.5 to 5.5V, 0 to +70°C
AF = 2.5 to 5.5V, -40 to +85°C
Blank = 4.5 to 5.5V, 0 to +70°C
I = 4.5 to 5.5V, -40 to +85°C
Blank = 4.5 to 5.5V, 0 to 70°C
I = 4.5 to 5.5V, -40 to +85°C
AE = 2.5 to 5.5V, 0 to 70°C
AF = 2.5 to 5.5V, -40 to +85°C
7640XX
RoHS Compliant Lead Free package
Blank – Standard package. Non lead free



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com