Electronic Components Datasheet Search
  English  ▼

X  

X76F400X Datasheet(PDF) 13 Page - IC MICROSYSTEMS

Part # X76F400X
Description  Secure SerialFlash
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICMIC [IC MICROSYSTEMS]
Direct Link  http://www.icmic.com
Logo ICMIC - IC MICROSYSTEMS

X76F400X Datasheet(HTML) 13 Page - IC MICROSYSTEMS

Back Button X76F400X Datasheet HTML 6Page - IC MICROSYSTEMS X76F400X Datasheet HTML 7Page - IC MICROSYSTEMS X76F400X Datasheet HTML 8Page - IC MICROSYSTEMS X76F400X Datasheet HTML 9Page - IC MICROSYSTEMS X76F400X Datasheet HTML 10Page - IC MICROSYSTEMS X76F400X Datasheet HTML 11Page - IC MICROSYSTEMS X76F400X Datasheet HTML 12Page - IC MICROSYSTEMS X76F400X Datasheet HTML 13Page - IC MICROSYSTEMS X76F400X Datasheet HTML 14Page - IC MICROSYSTEMS  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
X76F400
Characteristics subject to change without notice.
13 of 14
REV 1.0 7/5/00
www.icmic.com
PACKAGING INFORMATION
NOTE: ALL DIMENSIONS IN INCHES (IN PARENTHESES IN MILLIMETERS)
8-Lead Plastic, TSSOP, Package Type V
See Detail “A”
.031
(.80) .041
(1.05)
.169
(4.3) .177
(4.5)
.252 (6.4) BSC
.025 (.65) BSC
.114
(2.9) .122
(3.1)
.002
(.05) .006
(.15)
.047 (1.20)
.0075
(.19) .0118
(.30)
0°– 8°
.010 (.25)
.019
(.50) .029
(.75)
Gage Plane
Seating Plane
Detail A (20X)
(4.16) (7.72)
(1.78)
(0.42)
(0.65)
All Measurements Are Typical



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com