Electronic Components Datasheet Search
  English  ▼

X  

74F595 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74F595
Description  8-bit shift register with output laches 3-State
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F595 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74F595 Datasheet HTML 3Page - NXP Semiconductors 74F595 Datasheet HTML 4Page - NXP Semiconductors 74F595 Datasheet HTML 5Page - NXP Semiconductors 74F595 Datasheet HTML 6Page - NXP Semiconductors 74F595 Datasheet HTML 7Page - NXP Semiconductors 74F595 Datasheet HTML 8Page - NXP Semiconductors 74F595 Datasheet HTML 9Page - NXP Semiconductors 74F595 Datasheet HTML 10Page - NXP Semiconductors 74F595 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Philips Semiconductors
Product specification
74F595
8-bit shift register with output latches (3-State)
1990 Apr 18
7
AC ELECTRICAL CHARACTERISTICS
LIMITS
SYMBOL
PARAMETER
TEST
CONDITION
VCC = +5V
Tamb = +25°C
CL = 50pF, RL = 500Ω
VCC = +5V ± 10%
Tamb = 0°C to +70°C
CL = 50pF, RL = 500Ω
UNIT
MIN
TYP
MAX
MIN
MAX
fMAX
Maximum clock frequency–SHCP to Qs
Waveform
NO TAG
115
135
90
MHz
tPLH
tPHL
Propagation delay
SHCP to Qs
Waveform
NO TAG
6.0
2.5
8.0
4.5
10.5
7.5
5.0
2.5
12.5
7.5
ns
tPLH
tPHL
Propagation delay
STCP to Q0–Q7
Waveform
NO TAG
5.5
3.0
8.0
5.0
10.0
8.0
4.5
3.0
13.0
8.5
ns
tPHL
Propagation delay
SHR to Qs
Waveform
NO TAG
3.5
5.5
8.0
3.0
8.5
ns
tPZH
tPZL
Output Enable time
OE to Q0–Q7
Waveform 5
Waveform 6
3.5
3.0
5.5
5.5
9.0
8.5
2.5
2.5
10.5
10.5
ns
tPHZ
tPLZ
Output Disable time
OE to Q0–Q7
Waveform 5
Waveform 6
2.0
4.0
4.0
6.0
7.0
9.0
1.5
3.0
8.5
10.5
ns
AC SETUP REQUIREMENTS
LIMITS
SYMBOL
PARAMETER
TEST
CONDITION
VCC = +5V
Tamb = +25°C
CL = 50pF, RL = 500Ω
VCC = +5V ± 10%
Tamb = 0°C to +70°C
CL = 50pF, RL = 500Ω
UNIT
MIN
TYP
MAX
MIN
MAX
ts(H)
ts(L)
Setup time, High or Low
Ds to SHCP
Waveform 3
2.0
2.0
2.5
2.5
ns
th(H)
th(L)
Hold time, High or Low
Ds to SHCP
Waveform 3
0
0
0
0
ns
ts(L)
Setup time, Low
SHR to STCP
Waveform 3
4.5
5.0
ns
ts(H)
Setup time, High
SHCP to STCP
Waveform 4
4.5
5.0
ns
tW(H)
tW(L)
SHCP Pulse width,
High or Low
Waveform
NO TAG
3.5
4.0
4.0
4.0
ns
tW(H)
tW(L)
STCP Pulse width,
High or Low
Waveform
NO TAG
4.0
3.0
4.0
3.5
ns
tW(L)
SHR Pulse width, Low
Waveform
NO TAG
3.0
3.0
ns
tREC
Recovery time,
SHR to SHCP
Waveform
NO TAG
3.0
3.0
ns
AC WAVEFORMS
For all waveforms, VM = 1.5V.
The shaded areas indicate when the input is permitted to change for predictable output performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com