Electronic Components Datasheet Search
  English  ▼

X  

74F597 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74F597
Description  8-bit shift register with input storage registers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F597 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74F597 Datasheet HTML 2Page - NXP Semiconductors 74F597 Datasheet HTML 3Page - NXP Semiconductors 74F597 Datasheet HTML 4Page - NXP Semiconductors 74F597 Datasheet HTML 5Page - NXP Semiconductors 74F597 Datasheet HTML 6Page - NXP Semiconductors 74F597 Datasheet HTML 7Page - NXP Semiconductors 74F597 Datasheet HTML 8Page - NXP Semiconductors 74F597 Datasheet HTML 9Page - NXP Semiconductors 74F597 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Philips Semiconductors
Product specification
74F597
8-bit shift register with input storage registers
1991 Sep 13
6
AC ELECTRICAL CHARACTERISTICS
LIMITS
SYMBOL
PARAMETER
TEST
CONDITION
VCC = +5V
Tamb = +25°C
CL = 50pF, RL = 500Ω
VCC = +5V ± 10%
Tamb = 0°C to +70°C
CL = 50pF, RL = 500Ω
UNIT
MIN
TYP
MAX
MIN
MAX
fMAX
Maximum clock frequency
Waveform
NO TAG
120
135
105
MHz
tPLH
tPHL
Propagation delay
SHCP to Qs
Waveform
NO TAG
7.0
6.0
8.5
7.5
11.0
10.0
6.0
5.5
12.5
10.5
ns
tPLH
tPHL
Propagation delay
SHLD to Qs
Waveform
NO TAG
8.0
6.0
9.5
7.5
12.0
10.0
7.0
5.5
13.5
11.0
ns
tPLH
tPHL
Propagation delay
STCP to Qs
Waveform
NO TAG
7.5
8.0
9.5
9.5
11.5
12.0
6.5
7.5
13.0
13.0
ns
tPHL
Propagation delay
SHRST to Qs
Waveform
NO TAG
2.5
5.5
9.0
2.5
9.5
ns
AC SETUP REQUIREMENTS
LIMITS
SYMBOL
PARAMETER
TEST
CONDITION
VCC = +5V
Tamb = +25°C
CL = 50pF, RL = 500Ω
VCC = +5V ± 10%
Tamb = 0°C to +70°C
CL = 50pF, RL = 500Ω
UNIT
MIN
TYP
MAX
MIN
MAX
ts(H)
ts(L)
Setup time, High or Low
Dn to STCP
Waveform
NO TAG
1.0
1.5
1.5
2.0
ns
th(H)
th(L)
Hold time, High or Low
Dn to STCP
Waveform
NO TAG
2.0
2.0
2.0
3.0
ns
ts(H)
ts(L)
Setup time, High or Low
Ds to SHCP
Waveform
NO TAG
1.0
1.5
1.0
2.0
ns
th(H)
th(L)
Hold time, High or Low
Ds to SHCP
Waveform
NO TAG
1.5
2.0
2.0
2.5
ns
ts(H)
Setup time, High
STCP to SHLD
↑
Waveform 4
8.5
9.0
ns
th(L)
Hold time, Low
STCP to SHLD
↑ (hold mode)
Waveform
NO TAG
0.0
0.0
ns
ts(H)
Setup time, High
SHLD to SHCP
↑
Waveform
NO TAG
6.0
6.5
ns
tW(H)
tW(L)
SHCP Pulse width
High or Low
Waveform
NO TAG
4.5
4.5
5.5
4.5
ns
tW(H)
tW(L)
STCP Pulse width
High or Low
Waveform
NO TAG
4.5
4.5
5.0
4.5
ns
tW(L)
SHRST Pulse width, Low
Waveform
NO TAG
4.5
4.5
ns
tW(L)
SHLD Pulse width, Low
Waveform
NO TAG
4.5
4.5
ns
tREC
Recovery time, SHRST to SHCP
Waveform
NO TAG
2.0
2.5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com