Electronic Components Datasheet Search
  English  ▼

X  

74F597 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74F597
Description  8-bit shift register with input storage registers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F597 Datasheet(HTML) 2 Page - NXP Semiconductors

  74F597 Datasheet HTML 1Page - NXP Semiconductors 74F597 Datasheet HTML 2Page - NXP Semiconductors 74F597 Datasheet HTML 3Page - NXP Semiconductors 74F597 Datasheet HTML 4Page - NXP Semiconductors 74F597 Datasheet HTML 5Page - NXP Semiconductors 74F597 Datasheet HTML 6Page - NXP Semiconductors 74F597 Datasheet HTML 7Page - NXP Semiconductors 74F597 Datasheet HTML 8Page - NXP Semiconductors 74F597 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Philips Semiconductors
Product specification
74F597
8-bit shift register with input storage registers
2
1991 Sep 13
853–1556 03964
FEATURES
• High impedance PNP base inputs for reduced loading
(20
µA in High and Low states)
• 8-bit parallel storage register
• 3-State output buffers
• Shift register has asynchronous direct overriding reset
• Shift load SHLD is functional when SHCP is Low and locked out
when SHCP is High
• Guaranteed shift frequency DC to 105MHz
DESCRIPTION
The 74F597 consists of an 8-bit storage register feeding a
parallel-in/serial-in, serial-out 8-bit shift register. The storage register
and shift register have separate positive edge triggered clocks. The
shift register has asynchronous reset and when SHCP is Low, it has
asynchronous load.
The shift register load function has been modified to load when both
SHLD and SHCP are Low. When SHCP is High the shift register
load operation is not performed. Data will be properly shifted on the
rising edge of SHCP when SHLD is High.
PIN CONFIGURATION
16
15
14
13
12
11
10
7
6
5
4
3
2
1
9
8
SF00366
D1
D2
D3
D4
D5
D6
D7
GND
VCC
D0
DS
SHLD
STCP
SHCP
SHRST
QS
TYPE
TYPICAL fMAX
TYPICAL SUPPLY CURRENT
(TOTAL)
74F597
135MHz
42mA
ORDERING INFORMATION
DESCRIPTION
COMMERCIAL RANGE
VCC = 5V ±10%,
Tamb = 0°C to +70°C
PKG DWG #
16-pin plastic DIP
N74F597N
SOT38-4
16-pin plastic SO
N74F597D
SOT109-1
INPUT AND OUTPUT LOADING AND FAN-OUT TABLE
PINS
DESCRIPTION
74F (U.L.)
HIGH/LOW
LOAD VALUE
HIGH/LOW
Ds
Serial data input
1.0/0.033
20
µA/20µA
D0–D7
Parallel data inputs
1.0/0.033
20
µA/20µA
SHCP
Shift register clock pulse input
1.0/0.033
20
µA/20µA
STCP
Storage register clock pulse input
1.0/0.033
20
µA/20µA
SHLD
Shift register load input (active Low)
1.0/0.033
20
µA/20µA
SHRST
Shift register reset input (active Low)
1.0/0.033
20
µA/20µA
Qs
Serial data output
50/33
1.0mA/20mA
NOTE:
One (1.0) FAST unit load is defined as: 20
µA in the High state and 0.6mA in the Low state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com