Electronic Components Datasheet Search
  English  ▼

X  

74F597 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74F597
Description  8-bit shift register with input storage registers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F597 Datasheet(HTML) 3 Page - NXP Semiconductors

  74F597 Datasheet HTML 1Page - NXP Semiconductors 74F597 Datasheet HTML 2Page - NXP Semiconductors 74F597 Datasheet HTML 3Page - NXP Semiconductors 74F597 Datasheet HTML 4Page - NXP Semiconductors 74F597 Datasheet HTML 5Page - NXP Semiconductors 74F597 Datasheet HTML 6Page - NXP Semiconductors 74F597 Datasheet HTML 7Page - NXP Semiconductors 74F597 Datasheet HTML 8Page - NXP Semiconductors 74F597 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Philips Semiconductors
Product specification
74F597
8-bit shift register with input storage registers
1991 Sep 13
3
LOGIC SYMBOL
11
10
SHRST
SHCP
15
1
2
3
D0
D1
D2
D3
13
12
STCP
SHLD
SF01107
VCC = Pin 16
GND = Pin 8
14
Qs
45
6
D4
D5
D6
7
D7
14
Ds
IEC/IEEE SYMBOL (IEEE/IEC)
SF01108
15
1D
R
C3/
!
10
11
13
12
2
3
4
C1
1
SRG8
6
7
5
3D
2D
14
C2
9
FUNCTION TABLE
INPUTS
OPERATING MODES
STCP
SHCP
SHLD
SHRST
OPERATING MODES
↑
X
X
X
Data loaded to storage registers
↑
L
L
H
Data loaded from inputs to shift register
↑
L
L
H
Data transferred from storage registers to shift registers
X
L
L
L
Invalid logic, state of shift register indeterminate when signals removed
X
X
H
L
Shift register cleared
X
↑
H
H
Shift register clocked, Qn=Qn–1, Q0=Ds
↑
H
X
H
Hold
H = High voltage level
L
= Low voltage level
X = Don’t care
↑ = Low-to-High clock transition
↑ = Not a Low-to-High clock transition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com