Electronic Components Datasheet Search
  English  ▼

X  

XR1006 Datasheet(PDF) 1 Page - Mimix Broadband

Part # XR1006
Description  18.0-25.0 GHz GaAs MMIC Receiver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XR1006 Datasheet(HTML) 1 Page - Mimix Broadband

  XR1006 Datasheet HTML 1Page - Mimix Broadband XR1006 Datasheet HTML 2Page - Mimix Broadband XR1006 Datasheet HTML 3Page - Mimix Broadband XR1006 Datasheet HTML 4Page - Mimix Broadband XR1006 Datasheet HTML 5Page - Mimix Broadband XR1006 Datasheet HTML 6Page - Mimix Broadband XR1006 Datasheet HTML 7Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2005 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
May 2005 - Rev 13-May-05
Mimix Broadband
’s 18.0-25.0 GHz GaAs MMIC receiver has a noise
figure of 2.5 dB and 15.0 dB image rejection across the band. This
device is a two stage balanced LNA followed by an image reject sub-
harmonic anti-parallel diode mixer and includes an integrated LO
buffer amplifer. The image reject mixer eliminates the need for a
bandpass filter after the LNA to remove thermal noise at the image
frequency. The use of a sub-harmonic mixer makes the provision of
the LO easier than for fundamental mixers at these frequencies. I and Q
mixer outputs are provided and an external 90 degree hybrid is
required to select the desired sideband. This MMIC uses Mimix
Broadband
’s 0.15 µm GaAs PHEMT device model technology, and is
based upon electron beam lithography to ensure high repeatability
and uniformity. The chip has surface passivation to protect and provide
a rugged part with backside via holes and gold metallization to allow
either a conductive epoxy or eutectic solder die attach process. This
device is well suited for Millimeter-wave Point-to-Point Radio, LMDS,
SATCOM and VSAT applications.
18.0-25.0 GHz GaAs MMIC
Receiver
Page 1 of 7
Sub-harmonic Receiver
Integrated LNA, LO Buffer, Image Reject Mixer
+2.0 dBm LO Drive Level
2.5 dB Noise Figure
15.0 dB Image Rejection
100% On-Wafer RF, DC and Noise Figure Testing
100% Visual Inspection to MIL-STD-883 Method 2010
Features
General Description
Absolute Maximum Ratings
Supply Voltage (Vd)
Supply Current (Id1,Id2)
Gate Bias Voltage (Vg)
Input Power (RF Pin)
Storage Temperature (Tstg)
Operating Temperature (Ta)
Channel Temperature (Tch)
+4.5 VDC
180, 165 mA
+0.3 VDC
0.0 dBm
-65 to +165 OC
-55 to MTTF Table
MTTF Table
Chip Device Layout
(3) Channel temperature affects a device's MTTF. It is
recommended to keep channel temperature as low as
possible for maximum life.
3
3
Electrical Characteristics (AmbientTemperatureT = 25o C)
Units
GHz
GHz
GHz
GHz
dB
dB
dBm
dBc
dB
dB
dBm
VDC
VDC
VDC
mA
mA
Min.
18.0
18.0
7.5
DC
-
-
-
-
-
-
-
-
-
-1.2
-
-
Typ.
-
-
-
-
12.0
8.0
+2.0
15.0
2.5
50.0/60.0
-7.0
+3.5
+4.0
-0.3
130
116
Max.
25.0
21.0
11.5
3.0
-
-
-
-
-
-
-
+4.5
+4.5
+0.1
155
140
Parameter
Frequency Range (RF) Upper Side Band
Frequency Range (RF) Lower Side Band
Frequency Range (LO)
Frequency Range (IF)
Input Return Loss RF (S11)
Small Signal Conversion Gain RF/IF (S21)
LO Input Drive (PLO)
Image Rejection
Noise Figure (NF)
Isolation LO/RF @ LOx1/LOx2
Input Third Order Intercept (IIP3)
Drain Bias Voltage (Vd1)
Drain Bias Voltage (Vd2)
Gate Bias Voltage (Vg1,2)
Supply Current (Id1) (Vd1=3.5V, Vg=-0.3V Typical)
Supply Current (Id2) (Vd2=4.0V,Vg=-0.3V Typical)
(1) Measured using constant current.
(2) Measured using LO Input drive level of +2.0 dBm.
1,2
2
2
2
R1006


Similar Part No. - XR1006

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XR1006-BD MIMIX-XR1006-BD Datasheet
208Kb / 7P
18.0-25.0 GHz GaAs MMIC Receiver
XR1006-BD-000V MIMIX-XR1006-BD-000V Datasheet
208Kb / 7P
18.0-25.0 GHz GaAs MMIC Receiver
XR1006-BD-EV1 MIMIX-XR1006-BD-EV1 Datasheet
208Kb / 7P
18.0-25.0 GHz GaAs MMIC Receiver
XR1006-QD MIMIX-XR1006-QD Datasheet
690Kb / 8P
17.0-25.0 GHz GaAs Receiver QFN, 7x7 mm
XR1006-QD MIMIX-XR1006-QD Datasheet
656Kb / 8P
17.0-25.0 GHz GaAs Receiver QFN, 7x7 mm
More results

Similar Description - XR1006

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XR1002 MIMIX-XR1002 Datasheet
402Kb / 10P
18.0-34.0 GHz GaAs MMIC Receiver
XU1002 MIMIX-XU1002 Datasheet
375Kb / 8P
18.0-25.0 GHz GaAs MMIC Transmitter
XU1002-BD MIMIX-XU1002-BD Datasheet
236Kb / 8P
18.0-25.0 GHz GaAs MMIC Transmitter
XR1006-BD MIMIX-XR1006-BD Datasheet
208Kb / 7P
18.0-25.0 GHz GaAs MMIC Receiver
CMM1100-BD MIMIX-CMM1100-BD_10 Datasheet
1Mb / 9P
2.0-18.0 GHz GaAs MMIC
CMM1100-QF MIMIX-CMM1100-QF_09 Datasheet
341Kb / 8P
2.0-18.0 GHz GaAs MMIC
CMM4000 MIMIX-CMM4000_09 Datasheet
276Kb / 9P
2.0-18.0 GHz GaAs MMIC
XD1001 MIMIX-XD1001_10 Datasheet
1Mb / 8P
18.0-50.0 GHz GaAs MMIC
XR1007-QD MIMIX-XR1007-QD_10 Datasheet
865Kb / 7P
10.0-18.0 GHz GaAs Receiver
logo
M/A-COM Technology Solu...
XU1009-BD MA-COM-XU1009-BD Datasheet
277Kb / 9P
18.0-36.0 GHz GaAs MMIC
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com