Electronic Components Datasheet Search
  English  ▼

X  

XR1006 Datasheet(PDF) 4 Page - Mimix Broadband

Part # XR1006
Description  18.0-25.0 GHz GaAs MMIC Receiver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XR1006 Datasheet(HTML) 4 Page - Mimix Broadband

  XR1006 Datasheet HTML 1Page - Mimix Broadband XR1006 Datasheet HTML 2Page - Mimix Broadband XR1006 Datasheet HTML 3Page - Mimix Broadband XR1006 Datasheet HTML 4Page - Mimix Broadband XR1006 Datasheet HTML 5Page - Mimix Broadband XR1006 Datasheet HTML 6Page - Mimix Broadband XR1006 Datasheet HTML 7Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2005 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
Page 4 of 7
May 2005 - Rev 13-May-05
18.0-25.0 GHz GaAs MMIC
Receiver
R1006
App Note [1] Biasing - As shown in the bonding diagram, this device is operated by separately biasing Vd1 and Vd2 with
Vd1=3.5V, Id1=130mA and Vd2=4.0V, Id2=116mA. It is also recommended to use active biasing to keep the currents constant as the RF
power and temperature vary; this gives the most reproducible results. Depending on the supply voltage available and the power dissipation
constraints, the bias circuit may be a single transistor or a low power operational amplifier, with a low value resistor in series with the drain
supply used to sense the current. The gate of the pHEMT is controlled to maintain correct drain current and thus drain voltage.The typical
gate voltage needed to do this is -0.3V. Typically the gate is protected with Silicon diodes to limit the applied voltage. Also, make sure to
sequence the applied voltage to ensure negative gate bias is available before applying the positive drain supply.
App Note [2] Bias Arrangement - Each DC pad (Vd1,2 and Vg1,2) needs to have DC bypass capacitance (~100-200 pF) as close to the device
as possible. Additional DC bypass capacitance (~0.01 uF) is also recommended.
MTTFTable (TBD)
Backplate
Temperature
55 deg Celsius
75 deg Celsius
95 deg Celsius
Channel
Temperature
deg Celsius
deg Celsius
deg Celsius
FITs
E+
E+
E+
MTTF Hours
E+
E+
E+
Rth
C/W
C/W
C/W
Bias Conditions: Vd1=3.5V, Vd2=4.0V, Id1=130 mA, Id2=116 mA
These numbers were calculated based on accelerated life test information and thermal model analysis received from the fabricating foundry.
Typical Application
Mimix Broadband MMIC-based 18.0-25.0 GHz Receiver Block Diagram
(Changing LO and IF frequencies as required allows design to operate as high as 25.0 GHz)
RF IN
17.7-19.7 GHz
IR Mixer
LNA
Coupler
XR1006
BPF
IF Out
2 GHz
LO(+2.0dBm)
7.85-8.85 GHz (USB Operation)
9.85-10.85 GHz (LSB Operation)
AGC Control
Mimix Broadband's 18.0-25.0 GHz XR1006 GaAs MMIC Receiver can be used in saturated radio applications and linear modulation schemes
up to 16 QAM. The receiver can be used in upper and lower sideband applications from 18.0-25.0 GHz.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com