Electronic Components Datasheet Search
  English  ▼

X  

F1180 Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # F1180
Description  Dual Path Lowband RF Receiver 1400MHz to 2700MHz
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1180 Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button F1180 Datasheet HTML 35Page - Renesas Technology Corp F1180 Datasheet HTML 36Page - Renesas Technology Corp F1180 Datasheet HTML 37Page - Renesas Technology Corp F1180 Datasheet HTML 38Page - Renesas Technology Corp F1180 Datasheet HTML 39Page - Renesas Technology Corp F1180 Datasheet HTML 40Page - Renesas Technology Corp F1180 Datasheet HTML 41Page - Renesas Technology Corp F1180 Datasheet HTML 42Page - Renesas Technology Corp F1180 Datasheet HTML 43Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 39 / 43 page
background image
Dual Path Lowband RF Receiver
1400MHz to 2700MHz
F1180
Datasheet
RF Receiver
39
February 8, 2022
APPLICATIONS INFORMATION
F1180 has been optimized for use in high performance RF applications from 1400MHz to 2700MHz.
Power Supplies
A common VCC power supply should be used for all pins requiring DC power. All supply pins should be
bypassed with external capacitors to minimize noise and fast transients. Supply noise can degrade noise
figure and fast transients can trigger ESD clamps and cause them to fail. Supply voltage change or transients
should have a slew rate smaller than 1V/20µs. In addition, all control pins should remain at 0V (+/-0.3V) while
the supply voltage ramps or while it returns to zero.
Control Pin Interface
If control signal integrity is a concern and clean signals cannot be guaranteed due to overshoot, undershoot,
ringing, etc., the following circuit at the input of each control pin is recommended. This applies to SPI and
control pins 6, 7, 8, 25, and 36 as shown below. Note the recommended resistor and capacitor values do not
necessarily match the EV kit BOM for the case of poor control signal integrity. For multiple devices driven by
a single control line, the component values will need to be adjusted accordingly so as not to overload the
control line.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com