Electronic Components Datasheet Search
  English  ▼

X  

F1180 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # F1180
Description  Dual Path Lowband RF Receiver 1400MHz to 2700MHz
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1180 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button F1180 Datasheet HTML 9Page - Renesas Technology Corp F1180 Datasheet HTML 10Page - Renesas Technology Corp F1180 Datasheet HTML 11Page - Renesas Technology Corp F1180 Datasheet HTML 12Page - Renesas Technology Corp F1180 Datasheet HTML 13Page - Renesas Technology Corp F1180 Datasheet HTML 14Page - Renesas Technology Corp F1180 Datasheet HTML 15Page - Renesas Technology Corp F1180 Datasheet HTML 16Page - Renesas Technology Corp F1180 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 43 page
background image
Dual Path Lowband RF Receiver
1400MHz to 2700MHz
F1180
Datasheet
RF Receiver
13
February 8, 2022
VGA BYPASS OFF: TYPICAL OPERATING CONDITIONS (- 2 -)
Gain Accuracy [DSAACC 1400MHz]
Gain Accuracy [DSAACC 2100MHz]
Gain Accuracy [DSAACC 2700MHz]
OIP3 vs. Attenuation [1400MHz]
OIP3 vs. Attenuation [2100MHz]
OIP3 vs. Attenuation [2700MHz]
-2.0
-1.6
-1.2
-0.8
-0.4
0.0
0.4
0.8
1.2
1.6
2.0
0
2
4
6
8
10 12 14 16 18 20 22 24 26 28 30
105 C / 5.00 V / CH A
105 C / 5.00 V / CH B
25 C / 5.00 V / CH A
25 C / 5.00 V / CH B
-40 C / 5.00 V / CH A
-40 C / 5.00 V / CH B
Attenuator Setting (dB)
-2.0
-1.6
-1.2
-0.8
-0.4
0.0
0.4
0.8
1.2
1.6
2.0
0
2
4
6
8
10 12 14 16 18 20 22 24 26 28 30
105 C / 5.00 V / CH A
105 C / 5.00 V / CH B
25 C / 5.00 V / CH A
25 C / 5.00 V / CH B
-40 C / 5.00 V / CH A
-40 C / 5.00 V / CH B
Attenuator Setting (dB)
-2.0
-1.6
-1.2
-0.8
-0.4
0.0
0.4
0.8
1.2
1.6
2.0
0
2
4
6
8
10 12 14 16 18 20 22 24 26 28 30
105 C / 5.00 V / CH A
105 C / 5.00 V / CH B
25 C / 5.00 V / CH A
25 C / 5.00 V / CH B
-40 C / 5.00 V / CH A
-40 C / 5.00 V / CH B
Attenuator Setting (dB)
-10
-5
0
5
10
15
20
25
30
35
40
0
2
4
6
8
10 12 14 16 18 20 22 24 26 28 30
105 C / 5.00 V / CH A
105 C / 5.00 V / CH B
25 C / 5.00 V / CH A
25 C / 5.00 V / CH B
-40 C / 5.00 V / CH A
-40 C / 5.00 V / CH B
Attenuator Setting (dB)
-10
-5
0
5
10
15
20
25
30
35
40
0
2
4
6
8
10 12 14 16 18 20 22 24 26 28 30
105 C / 5.00 V / CH A
105 C / 5.00 V / CH B
25 C / 5.00 V / CH A
25 C / 5.00 V / CH B
-40 C / 5.00 V / CH A
-40 C / 5.00 V / CH B
Attenuator Setting (dB)
-10
-5
0
5
10
15
20
25
30
35
40
0
2
4
6
8
10 12 14 16 18 20 22 24 26 28 30
105 C / 5.00 V / CH A
105 C / 5.00 V / CH B
25 C / 5.00 V / CH A
25 C / 5.00 V / CH B
-40 C / 5.00 V / CH A
-40 C / 5.00 V / CH B
Attenuator Setting (dB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com