Electronic Components Datasheet Search
  English  ▼

X  

F1180 Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # F1180
Description  Dual Path Lowband RF Receiver 1400MHz to 2700MHz
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1180 Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button F1180 Datasheet HTML 20Page - Renesas Technology Corp F1180 Datasheet HTML 21Page - Renesas Technology Corp F1180 Datasheet HTML 22Page - Renesas Technology Corp F1180 Datasheet HTML 23Page - Renesas Technology Corp F1180 Datasheet HTML 24Page - Renesas Technology Corp F1180 Datasheet HTML 25Page - Renesas Technology Corp F1180 Datasheet HTML 26Page - Renesas Technology Corp F1180 Datasheet HTML 27Page - Renesas Technology Corp F1180 Datasheet HTML 28Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 43 page
background image
Dual Path Lowband RF Receiver
1400MHz to 2700MHz
F1180
Datasheet
RF Receiver
24
February 8, 2022
MIXER: TYPICAL OPERATING CONDITIONS (- 13 -)
2x2 Rejection vs. Tcase [2x2MXR, HS rejection]
2x2 Rejection vs. Vcc [2x2MXR,HS rejection]
2x2 Rejection vs. LO Power [2x2MXR, HS rejection]
2x2 Rejection vs. Tcase [2x2MXR, LS rejection]
2x2 Rejection vs. Vcc [2x2MXR, LS rejection]
2x2 Rejection vs. LO Power [2x2MXR, LS rejection]
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
1300
1500
1700
1900
2100
2300
2500
2700
2900
105 C / 5.00 V / 0 dBm / CH A
105 C / 5.00 V / 0 dBm / CH B
25 C / 5.00 V / 0 dBm / CH A
25 C / 5.00 V / 0 dBm / CH B
-40 C / 5.00 V / 0 dBm / CH A
-40 C / 5.00 V / 0 dBm / CH B
RF Frequency (MHz)
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
1300
1500
1700
1900
2100
2300
2500
2700
2900
25 C / 4.75 V / 0 dBm / CH A
25 C / 4.75 V / 0 dBm / CH B
25 C / 5.00 V / 0 dBm / CH A
25 C / 5.00 V / 0 dBm / CH B
25 C / 5.25 V / 0 dBm / CH A
25 C / 5.25 V / 0 dBm / CH B
RF Frequency (MHz)
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
1300
1500
1700
1900
2100
2300
2500
2700
2900
25 C / 5.00 V / -3 dBm / CH A
25 C / 5.00 V / -3 dBm / CH B
25 C / 5.00 V / 0 dBm / CH A
25 C / 5.00 V / 0 dBm / CH B
25 C / 5.00 V / +3 dBm / CH A
25 C / 5.00 V / +3 dBm / CH B
RF Frequency (MHz)
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
1300
1500
1700
1900
2100
2300
2500
2700
2900
105 C / 5.00 V / 0 dBm / CH A
105 C / 5.00 V / 0 dBm / CH B
25 C / 5.00 V / 0 dBm / CH A
25 C / 5.00 V / 0 dBm / CH B
-40 C / 5.00 V / 0 dBm / CH A
-40 C / 5.00 V / 0 dBm / CH B
RF Frequency (MHz)
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
1300
1500
1700
1900
2100
2300
2500
2700
2900
25 C / 4.75 V / 0 dBm / CH A
25 C / 4.75 V / 0 dBm / CH B
25 C / 5.00 V / 0 dBm / CH A
25 C / 5.00 V / 0 dBm / CH B
25 C / 5.25 V / 0 dBm / CH A
25 C / 5.25 V / 0 dBm / CH B
RF Frequency (MHz)
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
1300
1500
1700
1900
2100
2300
2500
2700
2900
25 C / 5.00 V / -3 dBm / CH A
25 C / 5.00 V / -3 dBm / CH B
25 C / 5.00 V / 0 dBm / CH A
25 C / 5.00 V / 0 dBm / CH B
25 C / 5.00 V / +3 dBm / CH A
25 C / 5.00 V / +3 dBm / CH B
RF Frequency (MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com