Electronic Components Datasheet Search
  English  ▼

X  

SFH640 Datasheet(PDF) 8 Page - Vishay Siliconix

Part # SFH640
Description  Optocoupler, Phototransistor Output, With Base Connection, 300 V BVCEO
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SFH640 Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button SFH640 Datasheet HTML 2Page - Vishay Siliconix SFH640 Datasheet HTML 3Page - Vishay Siliconix SFH640 Datasheet HTML 4Page - Vishay Siliconix SFH640 Datasheet HTML 5Page - Vishay Siliconix SFH640 Datasheet HTML 6Page - Vishay Siliconix SFH640 Datasheet HTML 7Page - Vishay Siliconix SFH640 Datasheet HTML 8Page - Vishay Siliconix SFH640 Datasheet HTML 9Page - Vishay Siliconix SFH640 Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
SFH640
www.vishay.com
Vishay Semiconductors
Rev. 1.8, 02-Dec-2020
8
Document Number: 83682
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Reel
Fig. 18 - Tape and Reel Shipping Medium
SOLDER PROFILES
IR Reflow Soldering (JEDEC® J-STD-020C compliant)
One time soldering reflow is recommended within the
condition of temperature and time profile shown below. Do
not solder more than three times.
Fig. 19
23012
1.8
+ 0.2
- 0
16.4
+ 1
- 0
PROFILE ITEM
CONDITIONS
Preheat
- Temperature minimum (TS min.)
150 °C
- Temperature maximum (TS max.)
200 °C
- Time (min. to max.) (tS)
90 s ± 30 s
Soldering zone
- Temperature (TL)
217 °C
- Time (tL)
60 s
Peak temperature (Tp)
260 °C
Ramp-up rate
3 °C/s max.
Ramp-down rate
3 °C/s to 6 °C/s
0
20406080
1000
10000
25
100
1000
10000
Time (s)
Axis Title
Time (s)
10
100
60 s
tL (soldering)
60 s to 120 s
tS (preheat)
35 s to 70 s
20 s
Tp (260 °C)
TL (217 °C)
TS max. (200 °C)
TS min.
(150 °C)
Ramp-up
Ramp-down
23016



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com