Electronic Components Datasheet Search
  English  ▼

X  

SFH640 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SFH640
Description  Optocoupler, Phototransistor Output, With Base Connection, 300 V BVCEO
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SFH640 Datasheet(HTML) 2 Page - Vishay Siliconix

  SFH640 Datasheet HTML 1Page - Vishay Siliconix SFH640 Datasheet HTML 2Page - Vishay Siliconix SFH640 Datasheet HTML 3Page - Vishay Siliconix SFH640 Datasheet HTML 4Page - Vishay Siliconix SFH640 Datasheet HTML 5Page - Vishay Siliconix SFH640 Datasheet HTML 6Page - Vishay Siliconix SFH640 Datasheet HTML 7Page - Vishay Siliconix SFH640 Datasheet HTML 8Page - Vishay Siliconix SFH640 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
SFH640
www.vishay.com
Vishay Semiconductors
Rev. 1.8, 02-Dec-2020
2
Document Number: 83682
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
• Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. Functional operation of the device is not
implied at these or any other conditions in excess of those given in the operational sections of this document. Exposure to absolute
maximum ratings for extended periods of the time can adversely affect reliability
Fig. 1 - Power Dissipation vs. Ambient Temperature
Fig. 2 - Maximum Forward Current vs. Ambient Temperature
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
INPUT
Reverse voltage
VR
6V
Forward current
IF
60
mA
Power dissipation
Pdiss
100
mW
OUTPUT
Power dissipation
Pdiss
150
mW
Collector emitter voltage
VCEO
300
V
Collector base voltage
VCBO
300
V
Emitter base voltage
VEBO
7V
Collector current
IC
50
mA
Power dissipation
Pdiss
150
mW
COUPLER
Storage temperature range
Tstg
-55 to +150
°C
Operating temperature range
Tamb
-55 to +115
°C
Soldering temperature
t = 10 s
Tsld
260
°C
10
100
1000
10000
0
50
100
150
200
0
20406080
100
120
Axis Title
T
amb - Ambient Temperature (°C)
Phototransistor
IR Diode
10
100
1000
10000
0
10
20
30
40
50
60
70
0
20406080
100
120
Axis Title
T
amb - Ambient Temperature (°C)
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
INPUT
Forward voltage
IF = 10 mA
VF
-1.2
1.5
V
Reverse voltage
IR = 10 μA
VR
6-
-
V
Reverse current
VR = 6 V
IR
-0.01
10
μA
Capacitance
VF = 0 V, f = 1 kHz
CI
-30-
pF
OUTPUT
Collector emitter breakdown voltage
ICE = 1 mA, RBE = 1 M
Ω
BVCEO
300
-
-
V
Voltage emitter base
IEB = 10 μA
BVBEO
7-
-
V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com