Electronic Components Datasheet Search
  English  ▼

X  

SFH640 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SFH640
Description  Optocoupler, Phototransistor Output, With Base Connection, 300 V BVCEO
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SFH640 Datasheet(HTML) 3 Page - Vishay Siliconix

  SFH640 Datasheet HTML 1Page - Vishay Siliconix SFH640 Datasheet HTML 2Page - Vishay Siliconix SFH640 Datasheet HTML 3Page - Vishay Siliconix SFH640 Datasheet HTML 4Page - Vishay Siliconix SFH640 Datasheet HTML 5Page - Vishay Siliconix SFH640 Datasheet HTML 6Page - Vishay Siliconix SFH640 Datasheet HTML 7Page - Vishay Siliconix SFH640 Datasheet HTML 8Page - Vishay Siliconix SFH640 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
SFH640
www.vishay.com
Vishay Semiconductors
Rev. 1.8, 02-Dec-2020
3
Document Number: 83682
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Minimum and maximum values are testing requirements. Typical values are characteristics of the device and are the result of engineering
evaluation. Typical values are for information only and are not part of the testing requirements
Note
• As per IEC 60747-5-5, § 7.4.3.8.2, this optocoupler is suitable for “safe electrical insulation” only within the safety ratings. Compliance with
the safety ratings shall be ensured by means of protective circuits
TYPICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 3 - Test Circuit for Switching Characteristics
Fig. 4 - Parameter and Limit Definition
COUPLER
Coupling capacitance
V = 0 V, f = 1 MHz
CIO
-0.6
-
pF
Collector emitter saturation voltage
IF = 10 mA, IC = 3.2 mA
VCEsat
-
0.25
0.4
V
Collector emitter leakage current
VCE = 200 V, RBE = 1 M
Ω
ICEO
-
1
100
nA
CURRENT TRANSFER RATIO (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
IC/IF
IF = 10 mA, VCE = 10 V
SFH640-2
CTR
63
-
125
%
IF = 1 mA, VCE = 10 V
SFH640-2
CTR
22
45
-
%
IF = 10 mA, VCE = 10 V
SFH640-3
CTR
100
-
200
%
IF = 1 mA, VCE = 10 V
SFH640-3
CTR
34
70
-
%
SWITCHING CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Turn-on time
IC = 2 mA, RL = 100
Ω, VCC = 5 V
ton
-4-
μs
Turn-off time
IC = 2 mA, RL = 100
Ω, VCC = 5 V
toff
-5-
μs
SAFETY AND INSULATION RATINGS
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Climatic classification
According to IEC 68 part 1
55 / 115 / 21
Pollution degree
According to DIN VDE 0109
2
Comparative tracking index
Insulation group IIIa
CTI
175
Maximum rated withstanding isolation voltage
According to UL1577, t = 1 min
VISO
5000
VRMS
Maximum transient isolation voltage
According to DIN EN 60747-5-5
VIOTM
8000
Vpeak
Maximum repetitive peak isolation voltage
According to DIN EN 60747-5-5
VIORM
890
Vpeak
Isolation resistance
VIO = 500 V, Tamb = 25 °C
RIO
≥ 1012
Ω
VIO = 500 V, Tamb = 100 °C
RIO
≥ 1011
Ω
Output safety power
PSO
700
mW
Input safety current
ISI
400
mA
Input safety temperature
TS
175
°C
Creepage distance
DIP-6, SMD-6
≥ 7mm
Clearance distance
≥ 7mm
Insulation thickness
DTI
≥ 0.4
mm
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
23029
Input
V
OUT
V
CC = 5 V
R
L
22986
90 %
10 %
Input pulse
Output pulse
t
r
t
on
t
f
t
off
5 V
min.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com