Electronic Components Datasheet Search
  English  ▼

X  

P9415 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # P9415
Description  30W Wireless Power Receiver with WattShare™ TRx Mode
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9415 Datasheet(HTML) 1 Page - Renesas Technology Corp

  P9415 Datasheet HTML 1Page - Renesas Technology Corp P9415 Datasheet HTML 2Page - Renesas Technology Corp P9415 Datasheet HTML 3Page - Renesas Technology Corp P9415 Datasheet HTML 4Page - Renesas Technology Corp P9415 Datasheet HTML 5Page - Renesas Technology Corp P9415 Datasheet HTML 6Page - Renesas Technology Corp P9415 Datasheet HTML 7Page - Renesas Technology Corp P9415 Datasheet HTML 8Page - Renesas Technology Corp P9415 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
30W Wireless Power Receiver
with WattShare™ TRx Mode
P9415
Datasheet
1
December 19, 2019
Description
The P9415 is a highly-integrated single-chip wireless power
transmitter/receiver IC (TRx). The device can be configured to
receive or transmit an AC power signal through magnetic induction.
When the device is configured as a wireless power transmitter, it
uses an on-chip full/half-bridge inverter, a PWM generator, a
modulator/demodulator for communication, and micro controller to
produce an AC power signal to drive external L-C tank. As a
receiver, the device receives an AC power signal from a wireless
transmitter and converts it into rectified output voltage, which can
be used to power devices or supply the charger input in mobile
applications. The P9415 integrates a high efficiency Synchronous
Full Bridge Rectifier and control circuitry to modulate the load to
send message packets to the Transmitter (Tx) to optimize power
delivery.
The P9415 features Multiple-time programmable (MTP) non-
volatile memory to easily update control firmware and device
functions.
The device includes over-temperature and voltage protection. Fault
conditions associated with power transfer are managed by an
industry-leading 32-bit ARM® Cortex®-M0 processor offering high
level of programmability while consuming extremely low standby
power. The processor can also control GPIOs to indicate operating
and fault modes. The P9415 is available in an ultra-small
53-WLCSP package.
Typical Applications
Wireless power solution for mobile applications
Features
Single-chip medium power wireless solution
24kB Multiple-time programmable (MTP) non-volatile memory
for expanded feature support
WPC 1.2.4 compatible
Delivers up to 30W as a receiver
WattShareTM TRx mode with up to 5W Tx capability
Embedded 32-bit ARM® Cortex®-M0 processor
Reliable over voltage clamping
Proprietary Rx-to-Tx modulation/demodulation for two-way
communication
High-performance LDO
Tx-to-Rx (backchannel) communication
Supports proprietary mode magnetic induction wireless power
solutions
Supports I2C 400kHz standard interface and GPIOs
Package: 6 × 9 ball array, 2.82 × 4.22 × 0.50 mm, 53-WLCSP
with 0.40mm ball pitch
Typical Applications Schematic
AC1
AC2
BST2
CMB
COM2
COM1
CMA
BST1
PGND
VRECT
VOUT
GP0-GP6
OD0-OD4
Chip Enable
P9415
nEN
Rx-OUTPUT
Tx-INPUT
LDO5P0
TRx
Coil
VSNS
LDO1P8
VSNS
DEMOD
PCLAMP
CS
CD
RCLAMP
CRECT
CLDO1P8
CLDO5P0
CVOUT


Similar Part No. - P9415

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
P9415-R RENESAS-P9415-R Datasheet
1Mb / 62P
15W Wireless Power Receiver with WattShare™ Mode
May 4, 2021
P9415-RAWQI8 RENESAS-P9415-RAWQI8 Datasheet
1Mb / 62P
15W Wireless Power Receiver with WattShare™ Mode
May 4, 2021
More results

Similar Description - P9415

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STWLC03 STMICROELECTRONICS-STWLC03 Datasheet
469Kb / 5P
Dual mode Qi/PMA wireless power receiver
05-Jun-2015
logo
Integrated Device Techn...
P9027LP-R IDT-P9027LP-R Datasheet
2Mb / 27P
Wireless Power Receiver
P9221-R IDT-P9221-R Datasheet
1Mb / 35P
Wireless Power Receiver
logo
Semtech Corporation
TS51223 SEMTECH-TS51223 Datasheet
2Mb / 20P
Wireless Power Receiver
logo
Integrated Device Techn...
P9225-R IDT-P9225-R Datasheet
1,010Kb / 34P
Dual-Mode Wireless Power Receiver
logo
Maxim Integrated Produc...
MAX77950 MAXIM-MAX77950 Datasheet
1Mb / 53P
WPC/PMA Dual Mode Wireless Power Receiver
Rev 0; 3/17
logo
Renesas Technology Corp
P9412 RENESAS-P9412 Datasheet
1Mb / 31P
30W Wireless Transmitter/Receiver (TRx)
Rev.1.2 Jul.6.21
P9415-R RENESAS-P9415-R Datasheet
1Mb / 62P
15W Wireless Power Receiver with WattShare™ Mode
May 4, 2021
logo
Silicon Mitus, Inc.
SM5903 SILICONMITUS-SM5903 Datasheet
198Kb / 2P
Wireless Power Transmitter/Receiver (TRx) Supporting Medium Power
July 2021 Rev. 0.0.3
SM5922 SILICONMITUS-SM5922 Datasheet
167Kb / 2P
Wireless Power Receiver
July 2021 Rev. 0.0.7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com