Electronic Components Datasheet Search
  English  ▼

X  

P9415 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # P9415
Description  30W Wireless Power Receiver with WattShare™ TRx Mode
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9415 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button P9415 Datasheet HTML 17Page - Renesas Technology Corp P9415 Datasheet HTML 18Page - Renesas Technology Corp P9415 Datasheet HTML 19Page - Renesas Technology Corp P9415 Datasheet HTML 20Page - Renesas Technology Corp P9415 Datasheet HTML 21Page - Renesas Technology Corp P9415 Datasheet HTML 22Page - Renesas Technology Corp P9415 Datasheet HTML 23Page - Renesas Technology Corp P9415 Datasheet HTML 24Page - Renesas Technology Corp P9415 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
P9415 Datasheet
21
December 19, 2019
Table 5.
Transient Voltage Suppressors (TVS) Recommendations
VMLDO = 15V
CDS0D323-T18C
VMLDO = 20V
D20V0L1B2LP
VRWM = 18V maximum
VRWM = 20V maximum
VBR = 20V minimum at 5mA
VBR = 21V minimum at 1mA
VCL = 29V maximum at 1A pp
VCL = 30V maximum at 1A pp
8.10 XY Alignment
The P9415 has integrated XY alignment coil data receive circuitry that should be used to monitor XY alignment coils integrated with the WPC
TRx coil. The XY alignment feature allows the device to sense its relative position to the Tx coil magnetic field center and enables FOD
compensation to be applied based on the position of the Rx to increase spatial freedom. When used, the XY alignment coils should be connected
to pins GP4 (X-alignment coil input) and GP5 (Y-alignment coil input).
Figure 10. Typical XY Align Coil Schematic Level Connection Guide
PGND
X-Align
Coil
GP5
Y-Align
Coil
GP4
R1
R2
R3
R4
C1
C2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com