Electronic Components Datasheet Search
  English  ▼

X  

P9415 Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # P9415
Description  30W Wireless Power Receiver with WattShare™ TRx Mode
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9415 Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button P9415 Datasheet HTML 20Page - Renesas Technology Corp P9415 Datasheet HTML 21Page - Renesas Technology Corp P9415 Datasheet HTML 22Page - Renesas Technology Corp P9415 Datasheet HTML 23Page - Renesas Technology Corp P9415 Datasheet HTML 24Page - Renesas Technology Corp P9415 Datasheet HTML 25Page - Renesas Technology Corp P9415 Datasheet HTML 26Page - Renesas Technology Corp P9415 Datasheet HTML 27Page - Renesas Technology Corp P9415 Datasheet HTML 28Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 30 page
background image
P9415 Datasheet
24
December 19, 2019
11. Ordering Information
Orderable Part Number
Package
MSL Rating
Shipping
Packaging
Ambient
Temperature
Firmware[a]
P9415-0AWQI8
AWQ53 WLCSP-53 2.82 × 4.22 ×
0.50 mm with 0.4mm pitch
MSL 1
Tape and Reel
-40° to +85°C
Blank
P9415-1AWQI8
AWQ53 WLCSP-53 2.82 × 4.22 ×
0.50 mm with 0.4mm pitch
MSL 1
Tape and Reel
-40° to +85°C
Core FW
[a] This field is a custom value that is specific to each customer application. Please contact your local sales team for your particular value for this
field.
12. Revision History
Revision Date
Description of Change
December 19, 2019
Added ordering information for chip with core firmware
Added spec to the EC table for VOUT = 20V
Updated some of the EC table min/typ/max values based on final characterization data
Removed duplicate I2C pin VIH/VOL/Leakage spec (since it’s covered with other OD pin specs)
November 1, 2019
Increased the maximum ratings for CMA, CMB, COM1, COM2, PCLAMP, VRECT, AC1, and AC2 in
Table 2
Updated the electrical characteristics for VIN_VRECT_Rx, VOVP, and VPCLAMP in Table 4
October 9, 2019
Initial release.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com