Electronic Components Datasheet Search
  English  ▼

X  

74F8962 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # 74F8962
Description  9-Bit latched bidirectional Futurebus transceivers open-collector
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F8962 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 74F8962 Datasheet HTML 2Page - NXP Semiconductors 74F8962 Datasheet HTML 3Page - NXP Semiconductors 74F8962 Datasheet HTML 4Page - NXP Semiconductors 74F8962 Datasheet HTML 5Page - NXP Semiconductors 74F8962 Datasheet HTML 6Page - NXP Semiconductors 74F8962 Datasheet HTML 7Page - NXP Semiconductors 74F8962 Datasheet HTML 8Page - NXP Semiconductors 74F8962 Datasheet HTML 9Page - NXP Semiconductors 74F8962 Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Philips Semiconductors FAST Products
Product specification
74F8962/8963
9-Bit latched bidirectional Futurebus transceivers
(open-collector)
March 11, 1993
9
AC ELECTRICAL CHARACTERISTICS FOR 74F8963
A PORT LIMITS
Tamb = +25°C
Tamb = 0°C to
+70
°C
Tamb = 0°C to
+70
°C
SYMBOL
PARAMETER
TEST
VCC = +5.0V
VCC = +5.0V ± 10%
VCC = +5.0V ± 5%
UNIT
CONDITION
CL = 50pF,
RL = 500Ω
CL = 50pF,
RL = 500Ω
CL = 50pF,
RL = 500Ω
MIN
TYP
MAX
MIN
MAX
MIN
MAX
tPLH
tPHL
Propagation delay
Bn to AOn
Waveform 1, 2
3.5
2.5
5.5
4.0
8.0
7.0
3.0
2.0
9.0
7.5
3.0
2.0
8.0
7.5
ns
tPLH
tPHL
Propagation delay
LEBA to AOn
Waveform 1, 2
6.0
4.0
7.5
5.5
10.0
8.5
5.0
3.5
11.5
9.0
5.0
3.5
10.0
8.5
ns
tPZH
tPZL
Output enable time to high or
low, OEBA to AOn
Waveform 5, 6
9.0
10.0
11.0
12.0
15.0
16.0
8.5
9.0
16.5
18.0
8.5
9.0
15.5
16.5
ns
tPHZ
tPLZ
Output disable time from high or
low, OEBA to AOn
Waveform 5, 6
4.0
5.5
6.0
7.0
9.0
11.0
3.0
5.0
10.5
12.0
3.0
5.0
9.5
11.0
ns
tsk(o)
Skew between receivers in
same package
Waveform 4
1.5
2.0
4.0
4.0
ns
B PORT LIMITS
Tamb = +25°C
Tamb = 0°C to
+70
°C
Tamb = 0°C to
+70
°C
SYMBOL
PARAMETER
TEST
VCC = +5.0V
VCC = +5.0V ± 10%
VCC = +5.0V ± 5%
UNIT
CONDITION
CD = 30pF,
RU = 9Ω
CD = 30pF,
RU = 9Ω
CD = 30pF,
RU = 9Ω
MIN
TYP
MAX
MIN
MAX
MIN
MAX
tPLH
tPHL
Propagation delay
AIn to Bn
Waveform 1, 2
2.0
2.0
4.0
3.5
6.5
6.5
1.5
1.5
7.0
6.5
2.0
2.0
7.0
6.5
ns
tPLH
tPHL
Propagation delay
LEAB to Bn
Waveform 1, 2
3.5
2.5
5.0
4.0
8.0
7.0
3.0
2.0
8.5
8.0
3.5
2.5
8.5
8.0
ns
tPLH
tPHL
Output enable/disable time
OEBA to Bn
Waveform 1
3.5
3.0
5.5
5.0
9.0
7.5
2.5
2.5
9.5
8.5
2.5
2.5
9.0
8.0
ns
tTLH
tTHL
Transition time, Bn port
10% to 90%, 90% to 10%
Test circuit and
waveforms
1.0
1.0
1.2
2.0
1.6
2.5
1.0
1.0
2.5
3.5
1.0
1.0
2.5
3.5
ns
tsk(o)
Skew between drivers in same
package
Waveform 4
0.5
2.0
3.0
3.0
ns
AC SETUP REQUIREMENTS FOR 74F8963
LIMITS
Tamb = +25°C
Tamb = 0°C to
+70
°C
Tamb = 0°C to
+70
°C
SYMBOL
PARAMETER
TEST
VCC = +5.0V
VCC = +5.0V ± 10%
VCC = +5.0V ± 5%
UNIT
CONDITION
CL = 50pF,
RL = 500Ω
CL = 50pF,
RL = 500Ω
CL = 50pF,
RL = 500Ω
MIN
TYP
MAX
MIN
MAX
MIN
MAX
tsu(H)
tsu(L)
Setup time, high or low
AIn to LEAB
Waveform 3
4.0
1.0
4.5
1.5
4.0
1.0
ns
th(H)
th(L)
Hold time, high or low
AIn to LEAB
Waveform 3
2.5
0.0
3.0
0.0
2.5
0.0
ns
tsu(H)
tsu(L)
Setup time, high or low
Bn to LEBA
Waveform 3
2.0
1.0
2.5
1.0
2.0
1.0
ns
th(H)
th(L)
Hold time, high or low
Bn to LEBA
Waveform 3
2.5
1.0
3.0
1.5
3.0
1.0
ns
tw(L)
LEAB or LEBA pulse width, low
Waveform 3
4.5
5.5
5.5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com