Electronic Components Datasheet Search
  English  ▼

X  

STGD18N40LZT4 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STGD18N40LZT4
Description  Automotive-grade 390 V internally clamped IGBT ESCIS 180 mJ
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGD18N40LZT4 Datasheet(HTML) 1 Page - STMicroelectronics

  STGD18N40LZT4 Datasheet HTML 1Page - STMicroelectronics STGD18N40LZT4 Datasheet HTML 2Page - STMicroelectronics STGD18N40LZT4 Datasheet HTML 3Page - STMicroelectronics STGD18N40LZT4 Datasheet HTML 4Page - STMicroelectronics STGD18N40LZT4 Datasheet HTML 5Page - STMicroelectronics STGD18N40LZT4 Datasheet HTML 6Page - STMicroelectronics STGD18N40LZT4 Datasheet HTML 7Page - STMicroelectronics STGD18N40LZT4 Datasheet HTML 8Page - STMicroelectronics STGD18N40LZT4 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
3
TAB
2
DPAK
C (2 or TAB)
E (3)
G (1)
RG
RGE
IGBTG1C2TABE3ESD
Features
•
AEC-Q101 qualified
•
SCIS energy of 180 mJ @ TC = 150 °C, L = 3 mH
•
Parts are 100% tested in SCIS
•
ESD gate-emitter protection
•
Gate-collector high voltage clamping
•
Logic level gate drive
•
Very low saturation voltage
•
High pulsed current capability
•
Gate and gate-emitter resistor
Applications
•
Pencil coil electronic ignition driver
Description
This application-specific IGBT utilizes the most advanced PowerMESH technology
optimized for coil driving in the harsh environment of automotive ignition systems.
The device show very low on-state voltage and very high SCIS energy capability over
a wide operating temperature range. Moreover, ESD-protected logic level gate input
and an integrated gate resistor means no external protection circuitry is required.
Product status link
STGD18N40LZT4
Product summary
Order code
STGD18N40LZT4
Marking
GD18N40LZ
Package
DPAK
Packing
Tape and reel
Automotive-grade 390 V internally clamped IGBT ESCIS 180 mJ
STGD18N40LZT4
Datasheet
DS13627 - Rev 1 - January 2021
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STGD18N40LZT4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGD18N40LZT4 STMICROELECTRONICS-STGD18N40LZT4 Datasheet
632Kb / 18P
EAS 180 mJ - 400 V - internally clamped IGBT
07-Mar-2008
STGD18N40LZT4 STMICROELECTRONICS-STGD18N40LZT4 Datasheet
636Kb / 18P
EAS 180 mJ - 400 V - internally clamped IGBT
07-May-2008
STGD18N40LZT4 STMICROELECTRONICS-STGD18N40LZT4 Datasheet
896Kb / 19P
EAS 180 mJ - 390 V - internally clamped IGBT
18-May-2009
More results

Similar Description - STGD18N40LZT4

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MGP15N40CL ONSEMI-MGP15N40CL Datasheet
100Kb / 8P
Internally Clamped N-Channel IGBT
April, 2000 ??Rev. 1
logo
STMicroelectronics
STGB18N40LZ STMICROELECTRONICS-STGB18N40LZ Datasheet
632Kb / 18P
EAS 180 mJ - 400 V - internally clamped IGBT
07-Mar-2008
STGB18N40LZ_0805 STMICROELECTRONICS-STGB18N40LZ_0805 Datasheet
636Kb / 18P
EAS 180 mJ - 400 V - internally clamped IGBT
07-May-2008
STGB18N40LZ STMICROELECTRONICS-STGB18N40LZ_09 Datasheet
896Kb / 19P
EAS 180 mJ - 390 V - internally clamped IGBT
18-May-2009
STGP35N35LZ STMICROELECTRONICS-STGP35N35LZ Datasheet
720Kb / 18P
Automotive-grade 345 V internally clamped IGBT, EAS 450 mJ
28-May-2013
STGD19N40LZ STMICROELECTRONICS-STGD19N40LZ Datasheet
1Mb / 17P
Automotive-grade 390 V internally clamped IGBT ESCIS 180 mJ
05-Oct-2016
STGB20N45LZAG STMICROELECTRONICS-STGB20N45LZAG Datasheet
536Kb / 20P
Automotive-grade 450 V internally clamped IGBT ESCIS 300 mJ
21-Feb-2018
STGB25N40LZAG STMICROELECTRONICS-STGB25N40LZAG Datasheet
551Kb / 20P
Automotive-grade 400 V internally clamped IGBT ESCIS 320 mJ
13-Feb-2018
STGB10NB37LZ STMICROELECTRONICS-STGB10NB37LZ_V01 Datasheet
751Kb / 15P
10 A - 410 V internally clamped IGBT
06-Nov-2009
STGB18N40LZT4 STMICROELECTRONICS-STGB18N40LZT4 Datasheet
575Kb / 16P
Automotive-grade 390 V internally clamped IGBT ESCIS 180 mJ
11-Jan-2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com