Electronic Components Datasheet Search
  English  ▼

X  

STGD18N40LZT4 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STGD18N40LZT4
Description  Automotive-grade 390 V internally clamped IGBT ESCIS 180 mJ
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGD18N40LZT4 Datasheet(HTML) 4 Page - STMicroelectronics

  STGD18N40LZT4 Datasheet HTML 1Page - STMicroelectronics STGD18N40LZT4 Datasheet HTML 2Page - STMicroelectronics STGD18N40LZT4 Datasheet HTML 3Page - STMicroelectronics STGD18N40LZT4 Datasheet HTML 4Page - STMicroelectronics STGD18N40LZT4 Datasheet HTML 5Page - STMicroelectronics STGD18N40LZT4 Datasheet HTML 6Page - STMicroelectronics STGD18N40LZT4 Datasheet HTML 7Page - STMicroelectronics STGD18N40LZT4 Datasheet HTML 8Page - STMicroelectronics STGD18N40LZT4 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Table 5. Resistive load switching characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-on delay time
VCC = 14 V, VGE = 5 V,
RL = 1 Ω
-
0.65
-
μs
tr
Current rise time
-
3.5
-
μs
td(on)
Turn-on delay time
VCC = 14 V, VGE = 5 V,
RL= 1 Ω, TJ = 150 °C
-
0.65
-
μs
tr
Current rise time
-
3.8
-
μs
Table 6. Inductive load switching characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(off)
Turn-off delay time
VCC = 300 V, L = 1 mH,
IC = 10 A, VGE = 5 V,
-
13.5
-
μs
tf
Current fall time
-
5.5
-
μs
dV/dt
Turn-off voltage slope
-
105
-
V/μs
td(off)
Turn-off delay time
VCC = 300 V, L = 1 mH,
IC = 10 A, VGE = 5 V,
TJ = 150 °C
-
14.2
-
μs
tf
Current fall time
-
8
-
μs
dV/dt
Turn-off voltage slope
-
97
-
V/μs
STGD18N40LZT4
Electrical characteristics
DS13627 - Rev 1
page 4/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com