Electronic Components Datasheet Search
  English  ▼

X  

STGD18N40LZT4 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STGD18N40LZT4
Description  Automotive-grade 390 V internally clamped IGBT ESCIS 180 mJ
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGD18N40LZT4 Datasheet(HTML) 3 Page - STMicroelectronics

  STGD18N40LZT4 Datasheet HTML 1Page - STMicroelectronics STGD18N40LZT4 Datasheet HTML 2Page - STMicroelectronics STGD18N40LZT4 Datasheet HTML 3Page - STMicroelectronics STGD18N40LZT4 Datasheet HTML 4Page - STMicroelectronics STGD18N40LZT4 Datasheet HTML 5Page - STMicroelectronics STGD18N40LZT4 Datasheet HTML 6Page - STMicroelectronics STGD18N40LZT4 Datasheet HTML 7Page - STMicroelectronics STGD18N40LZT4 Datasheet HTML 8Page - STMicroelectronics STGD18N40LZT4 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
2
Electrical characteristics
TC = 25 °C unless otherwise specified
Table 3. Static characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VCES(clamped)
Collector-emitter clamped voltage
IC = 2 mA, VGE = 0 V,
TJ= - 40 °C to 175 °C
360
390
420
V
V(BR)ECS
Emitter-collector break-down
voltage
VGE = 0 V, IC = 75 mA
20
28
V
VGE(clamped)
Gate-emitter clamped voltage
IG = ±2 mA
12
16
V
VCE(sat)
Collector-emitter saturation
voltage
VGE = 4.5 V, IC = 10 A
1.35
1.7
V
VGE = 4.5 V, IC = 10 A,
TJ = 150 °C
1.30
V
VGE = 3.8 V, IC = 6 A
1.30
V
VGE(th)
Gate-threshold voltage
VGE = VCE, IC = 1 mA,
TJ = -40 °C
1.4
V
VGE = VCE, IC = 1 mA
1.2
1.6
2.3
V
VGE = VCE, IC = 1 mA,
TJ = 150 °C (1)
0.7
V
ICES
Collector cut-off current
VCE = 15 V, VGE = 0 V,
TJ = 150 °C (1)
10
µA
VCE = 200 V, VGE = 0 V,
TJ = 150 °C (1)
100
µA
IGES
Gate-emitter leakage current
VGE = ±10 V, VCE = 0 V
450
625
830
µA
RGE
Gate emitter resistance
12
16
22
kΩ
RG
Gate resistance
1.6
kΩ
1. Defined by design, not subject to production test.
Table 4. Dynamic characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Cies
Input capacitance
VCE = 25 V, f = 1 MHz,
VGE = 0 V
-
490
-
pF
Coes
Output capacitance
-
90
-
Cres
Reverse transfer capacitance
-
5
-
Qg
Total gate charge
VCE = 280 V, IC = 10 A,
VGE = 0 to 5 V
-
29
-
nC
STGD18N40LZT4
Electrical characteristics
DS13627 - Rev 1
page 3/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com