Electronic Components Datasheet Search
  English  ▼

X  

HCPL-6530 Datasheet(PDF) 4 Page - Agilent(Hewlett-Packard)

Part # HCPL-6530
Description  Hermetically Sealed, Transistor Output Optocouplers for Analog and Digital Applications
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-6530 Datasheet(HTML) 4 Page - Agilent(Hewlett-Packard)

  HCPL-6530 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL-6530 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL-6530 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-6530 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-6530 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-6530 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-6530 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-6530 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-6530 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
Outline Drawings
16 Pin DIP Through Hole, 2 Channels
8 Pin Ceramic DIP Single Channel Schematic
Note: 8 pin DIP and flat pack devices have common VCC and ground. 16 pin DIP and LCCC (leadless ceramic chip carrier) packages have isolated
channels with separate VCC and ground connections.
Functional Diagrams
ANODE
3
CATHODE
6
5
V O
GND
IO
IF
2
+
-
V F
8
V CC
7
V B
IB
ICC
16 Pin DIP
8 Pin DIP
8 Pin DIP
16 Pin Flat Pack
20 Pad LCCC
Through Hole
Through Hole
Through Hole
Unformed Leads
Surface Mount
2 Channels
1 Channel
2 Channels
4 Channels
2 Channels
1
3
2
4
8
6
7
5
V CC
GND
V OUT
V B
1
3
2
4
8
6
7
5
V CC
GND
V O2
V O1
5
7
6
8
12
10
11
9
GND
V O4
V O3
1
3
2
4
16
14
15
13
V CC
V O2
V O1
GND 1
V B2
19
20
2
3
V O1
8
7
V CC2
V CC1
10
GND 2
15
13
12
14
V O2
V B1
9
5
7
6
8
12
10
11
9
GND
V CC2
V B2
1
3
2
4
16
14
15
13
V CC1
GND
V O1
V O2
V B1
0.20 (0.008)
0.33 (0.013)
4.45 (0.175)
MAX.
20.06 (0.790)
20.83 (0.820)
0.51 (0.020)
MAX.
2.29 (0.090)
2.79 (0.110)
0.51 (0.020)
MIN.
0.89 (0.035)
1.65 (0.065)
8.13 (0.320)
MAX.
NOTE: DIMENSIONS IN MILLIMETERS (INCHES).
3.81 (0.150)
MIN.
Note, base is pin 7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com