Electronic Components Datasheet Search
  English  ▼

X  

HCPL-6530 Datasheet(PDF) 6 Page - Agilent(Hewlett-Packard)

Part # HCPL-6530
Description  Hermetically Sealed, Transistor Output Optocouplers for Analog and Digital Applications
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-6530 Datasheet(HTML) 6 Page - Agilent(Hewlett-Packard)

Back Button HCPL-6530 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL-6530 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-6530 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-6530 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-6530 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-6530 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-6530 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-6530 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-6530 Datasheet HTML 10Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
Option
Description
100
Surface mountable hermetic optocoupler with leads trimmed for butt joint assembly. This option is
available on commercial and hi-rel product in 8 and 16 pin DIP (see drawings below for details).
200
Lead finish is solder dipped rather than gold plated. This option is available on commercial and hi-rel
product in 8 and 16 pin DIP. DSCC drawing part numbers contain provisions for lead finish. All
leadless chip carrier devices are delivered with solder dipped terminals as a standard feature.
300
Surface mountable hermetic optocoupler with leads cut and bent for gull wing assembly. This option
is available on commercial and hi-rel product in 8 and 16 pin DIP (see drawings below for details).
This option has solder dipped leads.
Hermetic Optocoupler Options
1.14 (0.045)
1.40 (0.055)
4.32 (0.170)
MAX.
0.51 (0.020)
MAX.
2.29 (0.090)
2.79 (0.110)
0.51 (0.020)
MIN.
7.36 (0.290)
7.87 (0.310)
0.20 (0.008)
0.33 (0.013)
NOTE: DIMENSIONS IN MILLIMETERS (INCHES).
1.14 (0.045)
1.40 (0.055)
4.32 (0.170)
MAX.
0.51 (0.020)
MAX.
2.29 (0.090)
2.79 (0.110)
0.51 (0.020)
MIN.
1.40 (0.055)
1.65 (0.065)
4.57 (0.180)
MAX.
0.51 (0.020)
MAX.
2.29 (0.090)
2.79 (0.110)
0.51 (0.020)
MIN.
0.51 (0.020)
MIN.
4.57 (0.180)
MAX.
0.51 (0.020)
MAX.
2.29 (0.090)
2.79 (0.110)
1.40 (0.055)
1.65 (0.065)
9.65 (0.380)
9.91 (0.390)
5˚ MAX.
4.57 (0.180)
MAX.
NOTE: DIMENSIONS IN MILLIMETERS (INCHES).
0.20 (0.008)
0.33 (0.013)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com