Electronic Components Datasheet Search
  English  ▼

X  

HCPL-6530 Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part # HCPL-6530
Description  Hermetically Sealed, Transistor Output Optocouplers for Analog and Digital Applications
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-6530 Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

  HCPL-6530 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL-6530 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL-6530 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-6530 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-6530 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-6530 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-6530 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-6530 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-6530 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
Selection Guide–Package Styles and Lead Configuration Options
Package
16 Pin DIP
8 Pin DIP
8 Pin DIP
16 Pin Flat
Pack
20 Pad LCCC
Lead Style
Through Hole
Through Hole
Through Hole
Unformed Leads Surface Mount
Channels
2
1
2
4
2
Common Channel Wiring
None
None
VCC GND
VCC GND
None
Agilent Part No. and Options
Commercial
4N55(1)
HCPL-5500
HCPL-5530
HCPL-6550
HCPL-6530
MIL-PRF-38534 Class H
4N55/883B
HCPL-5501
HCPL-5531
HCPL-6551
HCPL-6531
MIL-PRF-38534 Class K
HCPL-257K
HCPL-550K
HCPL-553K
HCPL-655K
HCPL-653K
Standard Lead Finish
Gold Plate
Gold Plate
Gold Plate
Gold Plate
Solder Pads
Solder Dipped*
Option 200
Option 200
Option 200
Butt Joint/Gold Plate
Option 100
Option 100
Option 100
Gull Wing/Soldered*
Option 300
Option 300
Option 300
Class H SMD Part #
Prescript for all below
5962-
5962-
5962-
5962-
5962-
Either Gold or Soldered
8767901EX
9085401HPX
8767902PX
8767904FX
87679032X
Gold Plate
8767901EC
9085401HPC
8767902PC
8767904FC
Solder Dipped*
8767901EA
9085401HPA
8767902PA
87679032A
Butt Joint/Gold Plate
8767901UC
9085401HYC
8767902YC
Butt Joint/Soldered*
8767901UA
9085401HYA
8767902YA
Gull Wing/Soldered*
8767901TA
9085401HXA
8767902XA
Class K SMD Part #
Prescript for all below
5962-
5962-
5962-
5962-
5962-
Either Gold or Soldered
8767905KEX
9085401KPX
8767906KPX
8767908KFX
8767907K2X
Gold Plate
8767905KEC
9085401KPC
8767906KPC
8767908KFC
Solder Dipped*
8767905KEA
9085401KPA
8767906KPA
8767907K2A
Butt Joint/Gold Plate
8767905KUC
9085401KYC
8767906KYC
Butt Joint/Soldered*
8767905KUA
9085401KYA
8767906KYA
Gull Wing/Soldered*
8767905KTA
9085401KXA
8767906KXA
1. JEDEC registered part.
* Solder contains lead



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com