Electronic Components Datasheet Search
  English  ▼

X  

HCPL-5501 Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # HCPL-5501
Description  Hermetically Sealed, Transistor Output Optocouplers for Analog and Digital Applications
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-5501 Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  HCPL-5501 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL-5501 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL-5501 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-5501 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-5501 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-5501 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-5501 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-5501 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-5501 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Description
These units are single, dual
and quad channel, hermetically
sealed optocouplers. The
products are capable of
operation and storage over the
full military temperature range
and can be purchased as
either standard product or
with full MIL-PRF-38534 Class
Level H or K testing or from
the appropriate DSCC Drawing.
All devices are manufactured
and tested on a MIL-PRF-
38534 certified line and are
included in the DSCC Qualified
Manufacturers List QML-38534
for Hybrid Microcircuits.
Hermetically Sealed, Transistor
Output Optocouplers for Analog and
Digital Applications
Technical Data
Agilent 4N55*, 5962-87679, HCPL-553X, HCPL-653X,
HCPL-257K, HCPL-655X, 5962-90854, HCPL-550X
*See matrix for available extensions.
Features
••••• Dual Marked with Device Part
Number and DSCC Drawing
Number
••••• Manufactured and Tested on a
MIL-PRF-38534 Certified Line
••••• QML-38534, Class H and K
••••• Five Hermetically Sealed Package
Configurations
••••• Performance Guaranteed, Over
-55°C to +125°C
••••• High Speed: Typically 400 kBit/s
••••• 9 MHz Bandwidth
••••• Open Collector Output
••••• 2-18 Volt VCC Range
••••• 1500 Vdc Withstand Test Voltage
••••• High Radiation Immunity
••••• 6N135, 6N136, HCPL-2530/2531,
Function Compatibility
••••• Reliability Data
The connection of a 0.1
µF bypass capacitor between VCC and GND is recommended.
Applications
••••• Military and Space
••••• High Reliability Systems
••••• Vehicle Command, Control, Life
Critical Systems
••••• Line Receivers
••••• Switching Power Supply
••••• Voltage Level Shifting
••••• Analog Signal Ground Isolation
(see Figures 7, 8, and 13)
••••• Isolated Input Line Receiver
••••• Isolated Output Line Driver
••••• Logic Ground Isolation
••••• Harsh Industrial Environments
••••• Isolation for Test Equipment
Systems
CAUTION: It is advised that normal static precautions be taken in handling and assembly
of this component to prevent damage and/or degradation which may be induced by ESD.


Similar Part No. - HCPL-5501

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-5501 HP-HCPL-5501 Datasheet
244Kb / 12P
Hermetically Sealed, Transistor Output Optocouplers for Analog and Digital Applications
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-5501 AVAGO-HCPL-5501 Datasheet
190Kb / 13P
Hermetically Sealed, Tansistor Output Optocouplers for Analog and Digital Applications
More results

Similar Description - HCPL-5501

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
4N55 HP-4N55 Datasheet
244Kb / 12P
Hermetically Sealed, Transistor Output Optocouplers for Analog and Digital Applications
HCPL-5300 HP-HCPL-5300 Datasheet
261Kb / 16P
Intelligent Power Module and Gate Drive Interface Hermetically Sealed Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-5531 AVAGO-HCPL-5531 Datasheet
191Kb / 13P
Hermetically Sealed, Transistor Output Optocouplers for Analog and Digital Applications
HCPL-257K AVAGO-HCPL-257K Datasheet
191Kb / 13P
Hermetically Sealed, Transistor Output Optocouplers for Analog and Digital Applications
HCPL-6551 AVAGO-HCPL-6551 Datasheet
191Kb / 13P
Hermetically Sealed, Transistor Output Optocouplers for Analog and Digital Applications
HCPL-6531 AVAGO-HCPL-6531 Datasheet
190Kb / 13P
Hermetically Sealed, Tansistor Output Optocouplers for Analog and Digital Applications
HCPL-5300 AVAGO-HCPL-5300_12 Datasheet
137Kb / 15P
Intelligent Power Module and Gate Drive Interface Hermetically Sealed Optocouplers
logo
Broadcom Corporation.
4N55 BOARDCOM-4N55 Datasheet
1Mb / 15P
Hermetically Sealed, Transistor Output Optocouplers for Analog and Digital Applications
ACPL-785E BOARDCOM-ACPL-785E Datasheet
1Mb / 16P
Hermetically Sealed Analog Isolation Amplifier
HCPL-5300 BOARDCOM-HCPL-5300 Datasheet
1Mb / 16P
Intelligent Power Module and Gate Drive Interface Hermetically Sealed Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com