Electronic Components Datasheet Search
  English  ▼

X  

PIC16F15213 Datasheet(PDF) 164 Page - Microchip Technology

Part # PIC16F15213
Description  PIC16F15213/14/23/24/43/44 Low Pin Count Microcontrollers
PDF  439 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213 Datasheet(HTML) 164 Page - Microchip Technology

Back Button PIC16F15213 Datasheet HTML 160Page - Microchip Technology PIC16F15213 Datasheet HTML 161Page - Microchip Technology PIC16F15213 Datasheet HTML 162Page - Microchip Technology PIC16F15213 Datasheet HTML 163Page - Microchip Technology PIC16F15213 Datasheet HTML 164Page - Microchip Technology PIC16F15213 Datasheet HTML 165Page - Microchip Technology PIC16F15213 Datasheet HTML 166Page - Microchip Technology PIC16F15213 Datasheet HTML 167Page - Microchip Technology PIC16F15213 Datasheet HTML 168Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 439 page
background image
Figure 20-1. Timer1 Block Diagram
TxGPPS
TxGATE
GPOL
0
1
Single Pulse
Acq. Control
1
0
GSPM
ON
GTM
GE
ON
D
Q
EN
TMRxL
TMRxH
Tx_overflow
set flag bit
TMRxIF
TMRx
(2)
1
0
TxCLK
Prescaler
1,2,4,8
SYNC
Sleep
Input
Fosc/2
Internal
Clock
CKPS
Synchronized Clock Input
2
det
Synchronize
(3)
(1)
D
Q
CK
R
Q
GGO/DONE
TxCLK
D
Q
set bit
TMRxGIF
GVAL
Q1
det
Interrupt
NOTE (5)
Note
(4)
To Comparators (6)
00 00
0000
4
4
111 1
11 11
PPS
TxCKIPPS
PPS
Notes: 
1.
This signal comes from the pin selected by Timer1 PPS register.
2.
TMRx register increments on rising edge.
3.
Synchronize does not operate while in Sleep.
4.
See TxCLK for clock source selections.
5.
See TxGATE for gate source selections.
6.
Synchronized comparator output must not be used in conjunction with synchronized input clock.
20.1
Timer1 Operation
The Timer1 module is a 16-bit incrementing counter accessed through the TMRx register. Writes to TMRx directly
update the counter. When used with an internal clock source, the module is a timer that increments on every
instruction cycle. When used with an external clock source, the module can be used as either a timer or counter and
increments on every selected edge of the external source.
Timer1 is enabled by configuring the ON and GE bits. Table 20-1 shows the possible Timer1 enable selections.
PIC16F15213/14/23/24/43/44
TMR1 - Timer1 Module with Gate Control
© 2020-2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS40002195E-page 164



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com