Electronic Components Datasheet Search
  English  ▼

X  

PIC16F15213 Datasheet(PDF) 165 Page - Microchip Technology

Part # PIC16F15213
Description  PIC16F15213/14/23/24/43/44 Low Pin Count Microcontrollers
PDF  439 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213 Datasheet(HTML) 165 Page - Microchip Technology

Back Button PIC16F15213 Datasheet HTML 161Page - Microchip Technology PIC16F15213 Datasheet HTML 162Page - Microchip Technology PIC16F15213 Datasheet HTML 163Page - Microchip Technology PIC16F15213 Datasheet HTML 164Page - Microchip Technology PIC16F15213 Datasheet HTML 165Page - Microchip Technology PIC16F15213 Datasheet HTML 166Page - Microchip Technology PIC16F15213 Datasheet HTML 167Page - Microchip Technology PIC16F15213 Datasheet HTML 168Page - Microchip Technology PIC16F15213 Datasheet HTML 169Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 439 page
background image
Table 20-1. Timer1 Enable Selections
ON
GE
Timer1 Operation
1
1
Count enabled
1
0
Always on
0
1
Off
0
0
Off
20.2
Clock Source Selection
The CS bits select the clock source for Timer1. These bits allow the selection of several possible synchronous and
asynchronous clock sources.
20.2.1
Internal Clock Source
When the internal clock source is selected, the TMRx register will increment on multiples of FOSC as determined by
the Timer1 prescaler.
When the FOSC internal clock source is selected, the TMRx register value will increment by four counts every
instruction clock cycle. Due to this condition, a two LSB error in resolution will occur when reading the TMRx value.
To utilize the full resolution of Timer1, an asynchronous input signal must be used to gate the Timer1 clock input.
Important:  In Counter mode, a falling edge must be registered by the counter prior to the first
incrementing rising edge after any one or more of the following conditions:
• Timer1 enabled after POR
• Write to TMRxH or TMRxL
• Timer1 is disabled
• Timer1 is disabled (ON = 0) when TxCKI is high, then Timer1 is enabled (ON = 1) when TxCKI is low.
Refer to the figure below.
Figure 20-2. Timer1 Incrementing Edge
TxCKI = 1
When TMRx
Enabled
TxCKI = 0
When TMRx
Enabled
Notes: 
1.
Arrows indicate counter increments.
2.
In Counter mode, a falling edge must be registered by the counter prior to the first incrementing rising edge of
the clock.
20.2.2
External Clock Source
When the external clock source is selected, the TMRx module may work as a timer or a counter. When enabled to
count, Timer1 is incremented on the rising edge of the external clock input of the TxCKIPPS pin. This external clock
source can be synchronized to the system clock or it can run asynchronously.
PIC16F15213/14/23/24/43/44
TMR1 - Timer1 Module with Gate Control
© 2020-2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS40002195E-page 165



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com