Electronic Components Datasheet Search
  English  ▼

X  

PIC16F15213 Datasheet(PDF) 169 Page - Microchip Technology

Part # PIC16F15213
Description  PIC16F15213/14/23/24/43/44 Low Pin Count Microcontrollers
PDF  439 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213 Datasheet(HTML) 169 Page - Microchip Technology

Back Button PIC16F15213 Datasheet HTML 165Page - Microchip Technology PIC16F15213 Datasheet HTML 166Page - Microchip Technology PIC16F15213 Datasheet HTML 167Page - Microchip Technology PIC16F15213 Datasheet HTML 168Page - Microchip Technology PIC16F15213 Datasheet HTML 169Page - Microchip Technology PIC16F15213 Datasheet HTML 170Page - Microchip Technology PIC16F15213 Datasheet HTML 171Page - Microchip Technology PIC16F15213 Datasheet HTML 172Page - Microchip Technology PIC16F15213 Datasheet HTML 173Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 439 page
background image
20.6.4
Timer1 Gate Single Pulse Mode
When Timer1 Gate Single Pulse mode is enabled, it is possible to capture a single pulse gate event. Timer1 Gate
Single Pulse mode is first enabled by setting the GSPM bit. Next, the GGO/DONE must be set. The Timer1 will
be fully enabled on the next incrementing edge. On the next trailing edge of the pulse, the GGO/DONE bit will
automatically be cleared. No other gate events will be allowed to increment Timer1 until the GGO/DONE bit is once
again set in software.
Figure 20-6. Timer1 Gate Single Pulse Mode
TMRxGIF
TIMER1
TxGVAL
TxCKI
TxG_IN
TxGGO/
DONE
TxGSPM
TxGPOL
TMRxGE
Set by software
Counting enabled on
rising edge of TxG
Cleared by software
Cleared by hardware on
falling edge of TxGVAL
Cleared by
software
Set by hardware on
falling edge of TxGVAL
Clearing the GSPM bit will also clear the GGO/DONE bit. See the figure below for timing details. Enabling the Toggle
mode and the Single Pulse mode simultaneously will permit both sections to work together. This allows the cycle
times on the Timer1 gate source to be measured. See the figure below for timing details.
PIC16F15213/14/23/24/43/44
TMR1 - Timer1 Module with Gate Control
© 2020-2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS40002195E-page 169



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com